Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 86 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 86 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 82Page - ESS Technology,Inc ES9218P Datasheet HTML 83Page - ESS Technology,Inc ES9218P Datasheet HTML 84Page - ESS Technology,Inc ES9218P Datasheet HTML 85Page - ESS Technology,Inc ES9218P Datasheet HTML 86Page - ESS Technology,Inc ES9218P Datasheet HTML 87Page - ESS Technology,Inc ES9218P Datasheet HTML 88Page - ESS Technology,Inc ES9218P Datasheet HTML 89Page - ESS Technology,Inc ES9218P Datasheet HTML 90Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
86
Register 64 (Read-Only): Chip Status (0x40)
Bits
[7:2]
[1]
[0]
Mnemonic
chip_id
automute_status
lock_status
Default
6’b11010X
1’b0
1’b0
Bit
Mnemonic
Description
[7:2]
chip_id
6’b11010x: ES9218P
[1]
automute_status
Indicator for when automute has become active.
•
1’b0: automute condition is inactive
•
1’b1: automute condition has been flagged and is active
[0]
lock_status
Indicator for when the DPLL is locked (when in slave mode) or 1’b1 when the ES9218P is the
master.
•
1’b0: DPLL is not locked to the incoming audio sample rate (which could mean that no audio
input is present, the lock has not completed, or the ES9218P is unable to lock due to clock
jitter or drift)
•
1’b1: DPLL is locked to the incoming audio sample rate, or the ES9218P is in master or
128*fs mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com