Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES9218P Datasheet HTML 1Page - ESS Technology,Inc ES9218P Datasheet HTML 2Page - ESS Technology,Inc ES9218P Datasheet HTML 3Page - ESS Technology,Inc ES9218P Datasheet HTML 4Page - ESS Technology,Inc ES9218P Datasheet HTML 5Page - ESS Technology,Inc ES9218P Datasheet HTML 6Page - ESS Technology,Inc ES9218P Datasheet HTML 7Page - ESS Technology,Inc ES9218P Datasheet HTML 8Page - ESS Technology,Inc ES9218P Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 101 page
background image
Analog Reinvented
ES9218P
32-bit Stereo Low Power DAC with Headphone Amplifier,
Analog Volume Control, and Output Switch
CONFIDENTIAL
s
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Patented 32-bit HyperStream® II DAC/HPA
QUAD DAC™ technology
+130dB SNR, +121dB DNR
-114 dB THD+N, 1.0Vrms into 100k
-112 dB THD+N, 2.0Vrms into 300
-106 dB THD+N, 300mVrms into 32
Industry’s highest performance 32-bit mobile audio DAC/HPA with unprecedented
dynamic range & ultra-low distortion
Support synchronous and asynchronous sampling modes
Enable SABRE HiFi® experience all the way to headphones
Patented Time Domain Jitter Eliminator
Unmatched audio clarity free from input clock jitter
64-bit accumulator & 32-bit processing
Distortion free signal processing
Versatile digital input
Support master/slave PCM (I2S, LJ 16-32-bit), DSD or DoP
Customizable filter characteristics
8 preset filters
User-programmable filter for custom sound signature
Output Switch for Auxiliary Source
Voice mode bypass with ultra-low power consumption
Integrated Low Noise AVCC LDO
Eliminate external LDO and reduce PCB size
Adjustable Analog Gain with
Integrated HPA Feedback Resistors
Reduce noise at real-life listening levels
Eliminate external thin film resistors and reduce PCB size
THD Compensation
Minimize DAC non-linearity
41-CSP Package and 40 pin QFN Package
Minimize PCB footprint
< 80mW quiescent power
< 1mW standby power
Maximize battery life
APPLICATIONS
• Mobile phones / Tablets / Digital music players / Portable multimedia players
• Consumer and Audiophile USB DAC headphone amplifiers and A/V receivers
• Professional digital audio workstations and mixer consoles
The ES9218P is a high-performance 32-bit, 2-channel audio SABRE HiFi® D/A converter with QUAD DAC™ technology, headphone amplifier,
analog volume control, and output switch designed for audiophile-grade portable power sensitive applications such as digital music players,
consumer applications such as USB DACs and A/V receivers, as well as professional applications such as mixer consoles and digital audio
workstations.
Using critically acclaimed QUAD DAC™ technology, patented 32-bit HyperStream® DAC architecture and Time Domain Jitter Eliminator, the
ES9218P delivers up to 121dB DNR and –114dB THD+N in HiFi mode, a performance level that will satisfy the most demanding audio enthusiasts.
The ES9218P’s integrated SABRE DAC supports up to 32-bit 384kHz PCM and DSD256 audio data via master/slave I2S/DSD interface in
synchronous and asynchronous sampling modes. A user-programmable FIR filter with 8 presets is included for customizable sound signature.
Additionally, the ES9218P’s integrated SABRE Headphone Amp supports up to 2.0Vrms output with analog gain control to reduce output noise
at real-life listening levels. An integrated output switch allows an auxiliary source such as voice to bypass the ES9218P for lowest power
consumption in non-HiFi mode. Residual distortion from suboptimal PCB components and layout can be minimized using ES9218P’s unique THD
compensation circuit, while PCB footprint and bill-of-material are minimized via the ES9218P’s integrated feedback resistors and low-noise DAC
reference LDO.
The ES9218P sets the standard for HD audio performance enabling SABRE HiFi® experience all the way from the DAC to headphones for
today’s most demanding digital-audio applications in an easy-to-use 41-CSP package or 40 pin QFN package.
FEATURE
DESCRIPTION
s


Similar Part No. - ES9218P

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
ES9219C ESS-ES9219C Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
More results

Similar Description - ES9218P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4921 NSC-LM4921 Datasheet
849Kb / 18P
Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334 Datasheet
608Kb / 17P
16-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 23P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 1; 11/05
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
logo
ESS Technology,Inc
ES9219 ESS-ES9219 Datasheet
1Mb / 67P
32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
February 27, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com