Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 48 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 48 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 44Page - ESS Technology,Inc ES9218P Datasheet HTML 45Page - ESS Technology,Inc ES9218P Datasheet HTML 46Page - ESS Technology,Inc ES9218P Datasheet HTML 47Page - ESS Technology,Inc ES9218P Datasheet HTML 48Page - ESS Technology,Inc ES9218P Datasheet HTML 49Page - ESS Technology,Inc ES9218P Datasheet HTML 50Page - ESS Technology,Inc ES9218P Datasheet HTML 51Page - ESS Technology,Inc ES9218P Datasheet HTML 52Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
48
GPIO Modes
The following table describes the supported values for gpio1_cfg or gpio2_cfg and their function.
gpioX_cfg
Name
I/O
Direction
Details
4’d0
Automute Status
Output
Output is high when an automute has been triggered. This signal is
analogous to Register 64 (Read-Only): Chip Status (0x40) automute_status.
4’d1
Lock Status
Output
Output is high when lock is triggered. This signal is analogous to Register
64 (Read-Only): Chip Status (0x40) lock_status.
4’d2
Volume Min
Output
Output is high when all digital volume controls have been ramped to
minus full scale. This can occur, for example, if automute is enabled and
set to mute the volume.
4’d3
CLK
Output
Output is a buffered CLK signal which can be used to synchronize other
devices.
4’d4
Interrupt
Output
Output is high for a variety of interrupts:
•
Register 64 (Read-Only): Chip Status (0x40) lock_status or
automute_status have changed. Clear by reading register 64.
•
Any bit in Register 65 (Read-Only): GPIO Readback (0x41) ocbr or
ocbl has gone high. Clear by reading register 65.
•
Any bit in Register 72 (Read-Only): Input Selection and Automute
Status (0x48) oc_sd_mute has gone high. Clear by disabling
overcurrent protection with Register 11: Overcurrent Protection
(0x0B) oc_sd_en.
See Register 33: Interrupt Mask (0x21) for details on masking these
interrupts.
4’d5
Reserved
4’d6
Reserved
4’d7
Output 1’b0
Output
Output is forced low.
4’d8
Standard Input
Input
Places the GPIO into a high impedance state, allowing the customer to
provide a digital signal and then read that signal back via the I2C from
Register 65 (Read-Only): GPIO Readback (0x41).
4’d9
Input Select
Input
Places the GPIO into a high impedance state and allows the customer to
toggle the input selection between two modes using either GPIO pin. See
Register 21: GPIO Input Selection (0x15) for more information.
4’d10
Mute All
Input
Places the GPIO into a high impedance state. A mute condition can be
forced by applying a logic high signal to the GPIO. The mute condition
can be reset but applying a logic low signal to the GPIO.
This will not reset mute conditions caused by an automute.
4’d11
Amp Mode Select
Input
Activates the amplifier mode set in Register 32: Amplifier Configuration (0x20)
when the GPIO is pulled up. This option is only available for GPIO1.
4’d12
Reserved
4’d13
Shut Down
Input
Shutdown GPIO.
4’d14
Soft Start
Complete
Output
Output is high when the DAC output is ramped to ground. The DAC can
be ramped to ground via an automute condition when appropriately
programmed (see Automute), or via Register 14: Soft Start Configuration
(0x0E).
4’d15
Output 1’b1
Output
Output is forced high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com