Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 91 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 91 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 87Page - ESS Technology,Inc ES9218P Datasheet HTML 88Page - ESS Technology,Inc ES9218P Datasheet HTML 89Page - ESS Technology,Inc ES9218P Datasheet HTML 90Page - ESS Technology,Inc ES9218P Datasheet HTML 91Page - ESS Technology,Inc ES9218P Datasheet HTML 92Page - ESS Technology,Inc ES9218P Datasheet HTML 93Page - ESS Technology,Inc ES9218P Datasheet HTML 94Page - ESS Technology,Inc ES9218P Datasheet HTML 95Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
91
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 72 (Read-Only): Input Selection and Automute Status (0x48)
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
ocr_sd_mute
ocl_sd_mute
amr
aml
dop_select
reserved
i2s_select
dsd_select
Default
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7]
ocr_sd_mute
Indicates when the OCP timeout has expired and an overcurrent event has occurred on the right
channel.
•
1’b0: No overcurrent condition (default)
•
1’b1: Overcurrent condition detected at amplifier output OUT_R.
See Overcurrent Protection
[6]
ocl_sd_mute
Indicates when the oc_sd_gain OCP timeout has expired and an overcurrent event has occurred on the
left channel.
•
1’b0: No overcurrent condition (default)
•
1’b1: Overcurrent condition detected at amplifier output OUT_L.
See Overcurrent Protection
[5]
amr
Automute status of right channel.
[4]
aml
Automute status of left channel.
[3]
dop_select
Contains the status of the DoP decoder.
•
1’b0: DoP decoder has not detected a valid DoP signal
•
1’b1: DoP decoder has detected a valid DoP signal
[2]
reserved
[1]
i2s_select
Contains the status of the I2S decoder.
•
1’b0: I2S decoder has not found a valid frame clock or bit clock
•
1’b1: I2S decoder has detected a valid frame clock and bit clock arrangement
[0]
dsd_select
Contains the status of the DSD decoder.
•
1’b0: DSD decoder is not being used
•
1’b1: DSD decoder is being used as a fallback option if I2S and DoP have both failed to decode
their respective input signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com