Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 77 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 77 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 73Page - ESS Technology,Inc ES9218P Datasheet HTML 74Page - ESS Technology,Inc ES9218P Datasheet HTML 75Page - ESS Technology,Inc ES9218P Datasheet HTML 76Page - ESS Technology,Inc ES9218P Datasheet HTML 77Page - ESS Technology,Inc ES9218P Datasheet HTML 78Page - ESS Technology,Inc ES9218P Datasheet HTML 79Page - ESS Technology,Inc ES9218P Datasheet HTML 80Page - ESS Technology,Inc ES9218P Datasheet HTML 81Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
77
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 49-51: Automatic Clock Gearing Thresholds (0x31 – 0x33)
Bits
[23:12]
[11:0]
Mnemonic
clk_gear_max_thresh
clk_gear_min_thresh
Default
12’d220
12’d98
Bit
Mnemonic
Description
[23:12]
clk_gear_max_thresh
Selects the maximum number of CLK/2 pulses per 1fs that must be counted before the
clock gear is automatically increased (CLK is slowed down).
[11:0]
clk_gear_min_thresh
Selects the minimum number of CLK/2 pulses per 1fs that must be counted before the
clock gear is automatically decreased (CLK is sped up). This value should always be 98 or
larger so that the minimum CLK oversampling factor is achieved.
Note: The Automatic Clock Gearing Thresholds registers must be written from LSB to MSB in their e ntirety to be latched correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com