Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 51 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 51 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 47Page - ESS Technology,Inc ES9218P Datasheet HTML 48Page - ESS Technology,Inc ES9218P Datasheet HTML 49Page - ESS Technology,Inc ES9218P Datasheet HTML 50Page - ESS Technology,Inc ES9218P Datasheet HTML 51Page - ESS Technology,Inc ES9218P Datasheet HTML 52Page - ESS Technology,Inc ES9218P Datasheet HTML 53Page - ESS Technology,Inc ES9218P Datasheet HTML 54Page - ESS Technology,Inc ES9218P Datasheet HTML 55Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
51
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 11: Overcurrent Protection (0x0B)
Bits
[7]
[6:4]
[3:0]
Mnemonic
oc_sd_en
oc_sd_gain
reserved
Default
1’b0
3’b000
4’d0
Bit
Mnemonic
Description
[7]
oc_sd_en
Enable an automatic detection circuit to mute the DAC when an overcurrent event is detected.
•
1’b0: automatic overcurrent shutdown is disabled (default)
•
1’b1: automatic overcurrent shutdown is enabled and will mute the DAC if an overcurrent
threshold is crossed and the timeout period expires.
[6:4]
oc_sd_gain
The value added to the OCP timeout counter for each CLK cycle that an overcurrent condition is
sensed at the amplifier output.
Exact timeout duration is both CLK dependent and signal dependent. Counter is only incremented
by this amount once per CLK cycle if the signal exceeds the built-in amplifier output current limit.
•
3’d0: A timeout will never occur. Automatic overcurrent shutdown is disabled (default)
• 3’d1-3’d7: OCP timeout counter incremental value. Higher values will yield a shorter
timeout.
[3:0]
reserved
See Overcurrent Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com