Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 66 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 66 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 62Page - ESS Technology,Inc ES9218P Datasheet HTML 63Page - ESS Technology,Inc ES9218P Datasheet HTML 64Page - ESS Technology,Inc ES9218P Datasheet HTML 65Page - ESS Technology,Inc ES9218P Datasheet HTML 66Page - ESS Technology,Inc ES9218P Datasheet HTML 67Page - ESS Technology,Inc ES9218P Datasheet HTML 68Page - ESS Technology,Inc ES9218P Datasheet HTML 69Page - ESS Technology,Inc ES9218P Datasheet HTML 70Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
66
Register 33: Interrupt Mask (0x21)
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic ocr_sd_m
ocl_sd_m ocr_pos_m
ocl_pos_m
ocr_neg_m ocr_neg_m automute_status_m lock_status_m
Default
1’b0
1’b0
1’b1
1’b1
1’b1
1’b1
1’b0
1’b0
Bit
Mnemonic
Description
[7]
ocr_sd_m
Interrupt mask for ocr_sd_mute Register 72 (Read-Only): Input Selection and Automute Status
(0x48).
•
1’b0: ocr_sd_mute bit will not flag an interrupt. (default)
•
1’b1: ocr_sd_mute bit will flag an interrupt.
Clear this interrupt by toggling overcurrent protection disabled-enabled with oc_sd_en
Register 11: Overcurrent Protection (0x0B).
[6]
ocl_sd_m
Interrupt mask for ocl_sd_mute Register 72 (Read-Only): Input Selection and Automute Status
(0x48).
•
1’b0: ocl_sd_mute bit will not flag an interrupt. (default)
•
1’b1: ocl_sd_mute bit will flag an interrupt
Clear this interrupt by toggling overcurrent protection disabled-enabled with oc_sd_en
Register 11: Overcurrent Protection (0x0B).
[5]
ocr_pos_m
Interrupt mask for ocbr_pos Register 65 (Read-Only): GPIO Readback (0x41).
•
1’b0: ocbr_pos bit will not flag an interrupt
•
1b’1: ocbr_pos bit will flag an interrupt (default)
Clear this interrupt by reading Register 65 (Read-Only): GPIO Readback (0x41).
[4]
ocl_pos_m
Interrupt mask for ocbl_pos Register 65 (Read-Only): GPIO Readback (0x41)
•
1’b0: ocbl_pos bit will not flag an interrupt
•
1b’1: ocbl_pos bit will flag an interrupt (default)
Clear this interrupt by reading Register 65 (Read-Only): GPIO Readback (0x41).
[3]
ocr_neg_m
Interrupt mask for ocbr_neg Register 65 (Read-Only): GPIO Readback (0x41).
•
1’b0: ocbr_neg bit will not flag an interrupt
•
1b’1: ocbr_neg bit will flag an interrupt (default)
Clear this interrupt by reading Register 65 (Read-Only): GPIO Readback (0x41).
[2]
ocl_neg_m
Interrupt mask for ocbl_neg Register 65 (Read-Only): GPIO Readback (0x41).
•
1’b0: ocbl_neg bit will not flag an interrupt
•
1b’1: ocbl_neg bit will flag an interrupt (default)
Clear this interrupt by reading Register 65 (Read-Only): GPIO Readback (0x41).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com