Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9218P Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9218P
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218P Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9218P Datasheet HTML 36Page - ESS Technology,Inc ES9218P Datasheet HTML 37Page - ESS Technology,Inc ES9218P Datasheet HTML 38Page - ESS Technology,Inc ES9218P Datasheet HTML 39Page - ESS Technology,Inc ES9218P Datasheet HTML 40Page - ESS Technology,Inc ES9218P Datasheet HTML 41Page - ESS Technology,Inc ES9218P Datasheet HTML 42Page - ESS Technology,Inc ES9218P Datasheet HTML 43Page - ESS Technology,Inc ES9218P Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
40
Register 1: Input selection (0x01)
Bits
[7:6]
[5:4]
[3:2]
[1:0]
Mnemonic
serial_length
serial_mode
auto_select
input_select
Default
2’b10
2’b00
2’b11
2’b00
Bit
Mnemonic
Description
[7:6]
serial_length
Selects how many DATA_CLK pulses exist per data word.
•
2’b00: 16-bit data words
•
2’b01: 24-bit data words
•
2’b10: 32-bit data words (default)
•
2’b11: 32-bit data words
[5:4]
serial_mode
Configures the type of serial data.
•
2’b00: I2S mode (default)
•
2’b01: left-justified mode
•
2’b11 or 2’b10: right-justified mode
[3:2]
auto_select
Allows the ES9218P to automatically select between either serial (I2S), or DSD input formats.
•
2’b00: disable automatic input decoder and instead use the information provided by
register 1[1:0]
•
2’b01: automatically select between DSD or serial data
•
2’b10: reserved
•
2’b11: automatically select between DSD or serial (I2S) data (default)
[1:0]
input_select
Configures the ES9218P to use a particular input decoder if auto_select is disabled.
•
2’b00: serial (default)
•
2’b01: DSD
•
2’b10: auto select
•
2’b11: auto select
Note: Register 1[3:2] must be set to 2’b00 for input_select to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com