Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MICRF505BML Datasheet HTML 1Page - Micrel Semiconductor MICRF505BML Datasheet HTML 2Page - Micrel Semiconductor MICRF505BML Datasheet HTML 3Page - Micrel Semiconductor MICRF505BML Datasheet HTML 4Page - Micrel Semiconductor MICRF505BML Datasheet HTML 5Page - Micrel Semiconductor MICRF505BML Datasheet HTML 6Page - Micrel Semiconductor MICRF505BML Datasheet HTML 7Page - Micrel Semiconductor MICRF505BML Datasheet HTML 8Page - Micrel Semiconductor MICRF505BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
May 13, 2004
5
M9999-051304
MICRF505
Micrel
Symbol
Parameter
Condition
Min
Typ
Max
Units
Receive Section
Rx Current Consumption
13.5
mA
LNA bypass
11.5
mA
Switch cap filter bypass with LNA
11.5
mA
Rx Current Consumption Variation
Over temperature
4
mA
Receiver Sensitivity
2.4kbps,
b = 16
–111
dBm
4.8kbps,
b = 16
–109
dBm
19.2kbps,
b = 4
–105
dBm
38.4kbps,
b = 4
–103
dBm
76.8kbps,
b = 2
–101
dBm
125kbps,
b = 2
–99
dBm
200kbps,
b = 2
–97
dBm
Receiver Maximum Input Power
125kbps, 125kHz deviation
–12
dBm
20kbps, 20kHz deviation
–20
dBm
Receiver Sensitivity Tolerance
Over temperature
4
dB
Over power supply range
1
dB
Receiver Bandwidth
50
340
kHz
Co-Channel Rejection
dB
Adjacent Channel Rejection
200kHz spacing
500kHz spacing
1MHz spacing
Blocking
±1MHz
42
dB
±2MHz
47
dB
±5MHz
38
dB
±10MHz
41
dB
Noise Figure, Cascade
tbd
dB
1dB Compression
–35
dB
Input IP3
2 tones with 1MHz separation
–25
dBm
Input IP2
dBm
LO Leakage
–90
dBm
Spurious Emission
< 1GHz
–54
dBm
> 1GHz
–54
dBm
Input Impedance(5)
~50
W
Input Reflection (s11)(5)
–20
–15
dB
RSSI Dynamic Range
50
dB
RSSI Output Voltage
Pin = 100dBm
0.9
V
Pin = 60dBm
1.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com