Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 12Page - Micrel Semiconductor MICRF505BML Datasheet HTML 13Page - Micrel Semiconductor MICRF505BML Datasheet HTML 14Page - Micrel Semiconductor MICRF505BML Datasheet HTML 15Page - Micrel Semiconductor MICRF505BML Datasheet HTML 16Page - Micrel Semiconductor MICRF505BML Datasheet HTML 17Page - Micrel Semiconductor MICRF505BML Datasheet HTML 18Page - Micrel Semiconductor MICRF505BML Datasheet HTML 19Page - Micrel Semiconductor MICRF505BML Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
MICRF505
Micrel
M9999-051304
16
May 13, 2004
Lock Detect
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1
Modulation0
"0"
"0"
RSSI_en
LD_en
PF_FC1
PF_FC0
A lock detector can be enabled by setting LD_en = 1. When pin LD is high, it indicates that the PLL is in lock.
Modes of Operation
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
Mode1 Mode0
State
Comments
0
0
Power down
Keeps register configuration
0
1
Standby
Only crystal oscillator running
1
0
Receive
Full receive
1
1
Transmit
Full transmit ex PA stage
Transceiver Sync/Non-Synchronous Mode
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000110
–
Mod_clkS2
Mod_clkS1
Mod_clkS0 BitSync_clkS2 BitSync_clkS1 BitSync_clkS0 BitRate_clkS2
0000111
BitRate_clkS1 BitRate_clkS0 RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
Sync_en
State
Comments
0
Rx: Bit synchronization off
Transparent reception of data
0
Tx: DataClk pin off
Transparent transmission of data
1
Rx: Bit synchronization on
Bit-clock is generated by transceiver
1
Tx: DataClk pin on
Bit-clock is generated by transceiver
When Sync_en = 1, it will enable the bit synchronizer in
receive mode. The bit synchronizer clock needs to be pro-
grammed, see chapter Bit synchronizer. The synchronized
clock will be set out on pin DataClk.
In transmit mode, when Sync_en = 1, the clock signal on pin
DataClk is a programmed bit rate clock. Now the transceiver
controls the actual bit rate. The data to be transmitted will be
sampled on rising edge of DataClk. The micro controller can
therefore use the negative edge to change the data to be
transmitted. The clock used for this purpose, BitRate-clock,
is programmed in the same way as the modulator clock and
the bit synchronizer clock:
f
f
Refclk_K
2
BITRATE_CLK
XCO
=
¥
-
()
7
BITRATE clkS
_
where:
fBITRATE_CLK: The clock frequency used to
control the bit rate, should be equal to the bit rate (a
bit rate of 20 kbit/sec requires a clock frequency of
20kHz)
fxco: Crystal oscillator frequency
Refclk_K: 6 bit divider, values between 1 and 63
BitRate_clkS: Bit rate setting, values between 0 and 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com