Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 18Page - Micrel Semiconductor MICRF505BML Datasheet HTML 19Page - Micrel Semiconductor MICRF505BML Datasheet HTML 20Page - Micrel Semiconductor MICRF505BML Datasheet HTML 21Page - Micrel Semiconductor MICRF505BML Datasheet HTML 22Page - Micrel Semiconductor MICRF505BML Datasheet HTML 23Page - Micrel Semiconductor MICRF505BML Datasheet HTML 24Page - Micrel Semiconductor MICRF505BML Datasheet HTML 25Page - Micrel Semiconductor MICRF505BML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
MICRF505
Micrel
M9999-051304
22
May 13, 2004
Frequency Modulation
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1 Modulation0
‘0’
PA_LDc_en
RSSI_en
LD_en
PF_FC1
PF_FC0
Modulation1
Modulation0
Modulation Type
0
0
Closed loop modulation
using modulator
0
1
Not in use
1
0
FSK applied using two
sets of dividers
1
1
Not in use
Table 11. Modulation Bit Setting
When Modulation1 and Modulation0 is 00, the modulator
needs to be programmed properly, see “Modulator” section.
The modulation signal will now be applied directly on the
phase locked VCO. It is therefore important that the PLL
bandwidth is not too high, as this will remove the modulation.
See “PLL Filter” section on how to calculate the PLL compo-
nents. When using the modulator the modulation signal is
applied to the VCO and therefore some sort of encoding is
needed.
The level of encoding is determined by the PLL loop filter
bandwidth and data rate. Two of the most common encoding
techniques are Manchester encoding and 3B4B. Other en-
coding schemes may also be used.
Manchester encoding is when one bit is encoded in to a two-
bit word and is shown in Table 10. When using Manchester
encoding the maximum overhead is 100%. When selecting
PLL loop filter it is important to note that the min baud rate is
equal to:
f
baud / s
4
baud_min
=
fbaud_min: The minimum frequency of the baud rate (Hz)
baud/s: Elements per second (encoded data)
Data
Word
“0”
“10”
“1”
“01”
Table 12. Manchester Encoding
Another much more efficient encoding type is 3B4B where
three data bits are encoded into a four-bit word. The reason
for encoding is to minimize the dc component in the modu-
lated data. To have minimum dc component each four bit
word should include two elements of “1” and two elements of
“0”. Following this guidance only 6 out of 8 word complies and
two encoded words needs special precaution. Whenever 000
and 111 data appear, the user must set/clear a flag that
indicate if last encoded word was “Word A” and select the
respective encoded word shown in Table 11.
Data
Word A
Word B
000
1011
0100
001
1100
010
0011
011
1010
100
0101
101
1001
110
0110
111
1101
0010
Table 13. 3B4B Enconding
Data bits
Encoded words
Comments
000 000 000 000 000
1011 0100 1011 0100 1011
A Flag indicates if “Word A” has been used
111 111 010 110 000
1101 0010 0011 0110 1011
A Flag indicates if “Word A” has been used
Table 14. Example of 3B4B encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com