Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF505BML Datasheet HTML 1Page - Micrel Semiconductor MICRF505BML Datasheet HTML 2Page - Micrel Semiconductor MICRF505BML Datasheet HTML 3Page - Micrel Semiconductor MICRF505BML Datasheet HTML 4Page - Micrel Semiconductor MICRF505BML Datasheet HTML 5Page - Micrel Semiconductor MICRF505BML Datasheet HTML 6Page - Micrel Semiconductor MICRF505BML Datasheet HTML 7Page - Micrel Semiconductor MICRF505BML Datasheet HTML 8Page - Micrel Semiconductor MICRF505BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
May 13, 2004
1
M9999-051304
MICRF505
Micrel
MICRF505
868MHz and 915MHz ISM Band Transceiver
General Description
The MICRF505 is a true single chip, frequency shift keying
(FSK) transceiver intended for use in half-duplex, bidirec-
tional RF links. The multi-channeled FSK transceiver is
intended for UHF radio equipment in compliance with the
North American Federal Communications Commission (FCC)
part 15.247 and 249, as well as the European Telecommuni-
cation Standard Institute (ETSI) specification, EN300 220.
The transmitter consists of a PLL frequency synthesizer and
a power amplifier. The frequency synthesizer consists of a
voltage-controlled oscillator (VCO), a crystal oscillator, dual
modulus prescaler, programmable frequency dividers, and a
phase-detector. The loop-filter is external for flexibility and
can be a simple passive circuit. The output power of the
power amplifier can be programmed to seven levels. A lock-
detect circuit detects when the PLL is in lock. In receive mode,
the PLL synthesizer generates the local oscillator (LO) signal.
The N, M , and A values that give the LO frequency are stored
in the N0, M0, and A0 registers.
The receiver is a zero intermediate frequency (IF) type which
makes channel filtering possible with low-power, integrated
low-pass filters. The receiver consists of a low noise amplifier
(LNA) that drives a quadrature mixer pair. The mixer outputs
feed two identical signal channels in phase quadrature. Each
channel includes a pre-amplifier, a third order Sallen-Key RC
low-pass filter that protects the following switched-capacitor
filter from strong adjacent channel signals, and a limiter. The
main channel filter is a switched-capacitor implementation of
a six-pole elliptic low pass filter. The cut-off frequency of the
Sallen-Key RC filter can be programmed to four different
frequencies: 100kHz, 150kHz, 230kHz, and 340kHz. The I
and Q channel outputs are demodulated and produce a
digital data output. The demodulator detects the relative
phase of the I and the Q channel signal. If the I channel signal
lags behind the Q channel, the FSK tone frequency is above
the LO frequency (data ‘1’). If the I channel leads the Q
channel, the FSK tone is below the LO frequency (data ‘0’).
The output of the receiver is available on the DataIXO pin. A
receive signal strength indicator (RSSI) circuit indicates the
received signal level. All support documentation can be
found on Micrel’s web site at www.micrel.com.
Features
• True single chip transceiver
• Digital bit synchronizer
• Received signal strength indicator (RSSI)
• RX and TX power management
• Power down function
• Reference crystal tuning capabilities
• Baseband shaping
• Three-wire programmable serial interface
• Register read back function
Applications
• Telemetry
• Remote metering
• Wireless controller
• Remote data repeater
• Remote control systems
• Wireless modem
• Wireless security system
Ordering Information
Part Number
Junction Temp. Range
Package
MICRF505BML
–40
∞C to +85∞C
32-Pin MLF™
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.


Similar Part No. - MICRF505BML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF505BML MICREL-MICRF505BML Datasheet
474Kb / 42P
850MHz and 950MHz ISM Band Transceiver
More results

Similar Description - MICRF505BML

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP280070100A ETC2-FXP280070100A Datasheet
308Kb / 10P
868MHz ISM Band Flex Circuit Antenna
TI08A0111 ETC2-TI08A0111 Datasheet
262Kb / 11P
868MHz ISM Band Dipole Terminal Antenna
logo
Taoglas antenna solutio...
MA130ALP002 TAOGLAS-MA130ALP002 Datasheet
1Mb / 23P
MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
MA131ALK002 TAOGLAS-MA131ALK002 Datasheet
1Mb / 23P
MA131 GPS/GLONASS/GALILEO and ISM Band 915MHz
MA131.A.LK.002 TAOGLAS-MA131.A.LK.002_19 Datasheet
1Mb / 23P
MA131 GPS/GLONASS/GALILEO and ISM Band 915MHz
MA130.A.LP.002 TAOGLAS-MA130.A.LP.002_19 Datasheet
1Mb / 23P
MA130 GPS/GLONASS/GALILEO and ISM Band 868MHz
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
ISM 915MHz Band System
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
868MHz-915MHz ISM band antenna
REV A
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
External 915MHz ISM Band Antenna
REV A
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com