Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 8Page - Micrel Semiconductor MICRF505BML Datasheet HTML 9Page - Micrel Semiconductor MICRF505BML Datasheet HTML 10Page - Micrel Semiconductor MICRF505BML Datasheet HTML 11Page - Micrel Semiconductor MICRF505BML Datasheet HTML 12Page - Micrel Semiconductor MICRF505BML Datasheet HTML 13Page - Micrel Semiconductor MICRF505BML Datasheet HTML 14Page - Micrel Semiconductor MICRF505BML Datasheet HTML 15Page - Micrel Semiconductor MICRF505BML Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
MICRF505
Micrel
M9999-051304
12
May 13, 2004
Programming interface timing
Figure 4 and Table 6 shows the timing specification for the 3-wire serial programming interface.
Figure 4.
Values
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of SCLK
50
ns
Thigh
Min. high time of SCLK
20
ns
Tlow
Min. low time of SLCK
20
ns
tfall
Max. time of falling edge of SLCK
1
ms
trise
Max. time of rising edge of SLCK
1
ms
Tcsr
Min. delay from rising edge of CS to falling edge of SCLK
0
ns
Tcsf
Min. delay from falling edge of CS to rising edge of SCLK
5
ns
Twrite
Min. delay from valid IO to falling edge of SCLK during a write operation
0
ns
Tread
Min. delay from rising edge of SCLK to valid IO during a read operation
(assuming load capacitance of IO is 25 pF)
75
ns
Programming summary
• Use CS, SCLK, and IO to get access to the control
registers in MICRF505.
• SCLK is user-controlled.
• Write to the MICRF505 at positive edges (MICRF
505 reads at negative edges).
• Read from the MICRF505 at negative edges
(MICRF505 writes at positive edges).
• After power-on: Write to the complete set of control
registers
• Address field is 7 bits long. Enter msb first
• R/W bit is 1 bit long (“1” for read, “0” for write)
• Address and R/W bit together make 1 octet
• All control registers are 8 bits long. Enter/read msb
in every octet first
• Always write 8 bits to/read 8 bits from a control
register. This is the case for registers with less than
8 used programming bits as well.
• Writing: Bring CS high, write address and R/W bit
followed by the new values to fill into the addressed
control register(s) and bring CS low for loading, i.e.
activation of the new control register values
(“load_en” = 1).
• Reading: Bring CS high, write address and R/W
bit, set IO as an input, read present contents of the
addressed control register(s), bring CS low and set
IO as an output.
SCLK
CS
IO
A6 A5
RW D7
D6
D0
D1
D2
A0
trise
tfall
Tper
Tcsr
Address Register
Data Register
LOAD
Tcsl
Tlow
ThighTread
Twrite
Table 6. Timing Specification for the 3-Wire Programming Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com