Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 23 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 23 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 19Page - Micrel Semiconductor MICRF505BML Datasheet HTML 20Page - Micrel Semiconductor MICRF505BML Datasheet HTML 21Page - Micrel Semiconductor MICRF505BML Datasheet HTML 22Page - Micrel Semiconductor MICRF505BML Datasheet HTML 23Page - Micrel Semiconductor MICRF505BML Datasheet HTML 24Page - Micrel Semiconductor MICRF505BML Datasheet HTML 25Page - Micrel Semiconductor MICRF505BML Datasheet HTML 26Page - Micrel Semiconductor MICRF505BML Datasheet HTML 27Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
May 13, 2004
23
M9999-051304
MICRF505
Micrel
When Modulation1 Modulation0 is 10, two sets of divider
values need to be programmed. The formula for calculating
the M,N and A values is given in chapter Frequency synthe-
sizer. The divider values stored in the M0-, N0- and A0-
registers will be used when transmitting a ‘0’ and the M1-, N1-
and A1-registers will be used to transmit a ‘1’. The difference
between the two carrier frequencies corresponds to the
double sided frequency modulation. Opposite from the modu-
lation with the modulator, the PLL shall now lock on a new
frequency for every change in the transmitted data. The PLL
bandwidth therefore needs to be relatively high, higher bit
rate requires a higher PLL bandwidth and vice versa.
The data to be transmitted shall be applied to pin DataIXO
(see chapter Transceiver sync-/non-synchronous mode on
how to use the pin DataClk). The DataIXO pin is set as input
in transmit mode and output in receive mode. When set as
input, a weak voltage divider will set the level to Vdd/2, when
it is not pulled up or down by the controller. When using the
modulator, it is important that the DataIXO is kept tristated
until the transmission shall begin (when PLL is in lock and the
PA is turned on). When DataIXO is tristated, the PLL will lock
on the LO frequency (used in receive mode). When DataIXO
is set either high or low, the RF frequency will be shifted up
or down, centered around the LO-frequency. This is only
important when using the modulator, for the other modulation
method, if DataIXO is tristated, the M0-, N0 and A0 registers
will be used.
Modulator
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000100
Mod_F2
Mod_F1
Mod_F0
Mod_I4
Mod_I3
Mod_I2
Mod_I1
Mod_I0
0000101
—
—
“0”
“1”
Mod_A3
Mod_A2
Mod_A1
Mod_A0
0000110
—
Mod_clkS2
Mod_clkS1
Mod_clkS0
BitSync_clkS2 BitSync_clkS1 BitSync_clkS0 BitRate_clkS2
0000111
BitRate_clkS1 BitRate_clkS0
RefClk_K5
RefClk_K4
RefClk_K3
RefClk_K2
RefClk_K1
RefClk_K0
The modulator will create a waveform with programmable
amplitude and frequency. This waveform is fed into a modu-
lation varactor in the VCO which will create the desired
frequency modulation. The frequency spectrum can be nar-
rowed by increasing the rise- and fall times of the waveform.
The modulator waveform is created by charging and dis-
charging a capacitor. A modulator clock controls the timing,
as shown in Figure 13. For every rise- and fall edge, 4 clock
periods are being used. The charging current during these 4
clock periods are not equal, this is to reduce the high-
frequency components in the waveform, which in turn will
narrow the frequency spectrum.
The frequency deviation can be set in three different ways, as
will be explained below. A formula for setting the desired
deviation is given at the end of this chapter.
Modulator Clock
Modulator Waveform
Figure 15. Modulator Waveform and Clock
Modulator Clock
The modulator clock frequency is set by:
f
f
Refclk_K
2
Mod_clk
XCO
7 Mod_clkS
=
¥ ¥
()
where fMOD_CLK is the modulator clock shown in Figure 13,
fXCO is the crystal oscillator frequency, Refclk_K is a 6 bit
number and Mod_clkS is a 3 bit number. Mod_clkS can be set
to a value between 0 and 7. The modulator clock frequency
should be set according to the bit rate and shaping.
Mod_clka
Mod_clkb
Mod_clkb > Mod_clka
Figure 16. Two Different Modulator Clock Settings
A fMOD_CLK of 8 times the bit rate (as in Figure 14) corre-
sponds to a signal filtered in a gaussian filter with a
Bandwidth(Period-product (BT) of 1. When BT is increased,
the waveform will be less filtered. Minimum BT is 1 (Mod_clk
is 8 times the bitrate). Figure 14 shows two waveforms with
BT=1 and BT=2, i.e. the Mod_clk is 8 and 16 times higher than
the bit rate. When changing the BT factor, the charge- and
discharge times will also be changed, and therefore the
frequency deviation, as shown in Figure 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com