Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 9Page - Micrel Semiconductor MICRF505BML Datasheet HTML 10Page - Micrel Semiconductor MICRF505BML Datasheet HTML 11Page - Micrel Semiconductor MICRF505BML Datasheet HTML 12Page - Micrel Semiconductor MICRF505BML Datasheet HTML 13Page - Micrel Semiconductor MICRF505BML Datasheet HTML 14Page - Micrel Semiconductor MICRF505BML Datasheet HTML 15Page - Micrel Semiconductor MICRF505BML Datasheet HTML 16Page - Micrel Semiconductor MICRF505BML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
May 13, 2004
13
M9999-051304
MICRF505
Micrel
Frequency Synthesizer
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001010
-
-
A0_5
A0_4
A0_3
A0_2
A0_1
A0_0
0001011
-
-
-
-
N0_11
N0_10
N0_9
N0_8
0001100
N0_7
N0_6
N0_5
N0_4
N0_3
N0_2
N0_1
N0_0
0001101
-
-
-
-
M0_11
M0_10
M0_9
M0_8
0001110
M0_7
M0_6
M0_5
M0_4
M0_3
M0_2
M0_1
M0_0
0001111
-
-
A1_5
A1_4
A1_3
A1_2
A1_1
A1_0
0010000
-
-
-
-
N1_11
N1_10
N1_9
N1_8
0010001
N1_7
N1_6
N1_5
N1_4
N1_3
N1_2
N1_1
N1_0
0010010
-
-
-
-
M1_11
M1_10
M1_9
M1_8
0010011
M1_7
M1_6
M1_5
M1_4
M1_3
M1_2
M1_1
M1_0
The frequency synthesizer consists of a voltage-controlled oscillator (VCO), a crystal oscillator, dual modulus prescaler,
programmable frequency dividers and a phase-detector. The loop-filter is external for flexibility and can be a simple passive
circuit. The lengths of the N and M and A registers are 12, 12 and 6 bits respectively. The M, N and A values can be calculated
from the formula:
where PhD is the phase detector comparison frequency.
PhD: Phase detector comparison frequency
fxco: Crystal oscillator frequency
fvco: Voltage controlled oscillator frequency
There are two sets of each of the divide factors (i.e. A0 and A1). If modulation by using the dividers is selected (that is
Modulation1=1, Modulation0=0), the two sets should be programmed to give two RF frequencies, separated by two times the
specified frequency deviation. For all other modulation methods, and also in receive mode, the 0-set will be used.
Crystal Oscillator (XCO)
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0001001
‘0’
‘0’
‘1’
XCOtune4
XCOtune3
XCOtune2
XCOtune1
XCOtune0
The crystal oscillator is a very critical block. As the crystal oscillator is a reference for the RF output frequency and also for the
LO frequency in the receiver, very good phase and frequency stability is required. The schematic of the crystal oscillator’s
external components for 16MHz are shown in Figure 2.
C11
5.6pF
C10
5.6pF
Y1
TSX-10A
Pin 24
XTALOUT
Pin 23
XTALIN
Figure 5. Crystal Oscillator Circuit
The crystal should be connected between pins XoscIn and
XoscOut (pin 23 and 24). In addition, loading capacitors for
the crystal are required. The loading capacitor values depend
on the total load capacitance, CL, specified for the crystal. The
load capacitance seen between the crystal terminals should
be equal to CL for the crystal to oscillate at the specified
frequency.
f
f
M
f
16 N
A
f
16 N
A
PhD
XCO
VCO / 2
RF
==
¥+
=
¥+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com