Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 15Page - Micrel Semiconductor MICRF505BML Datasheet HTML 16Page - Micrel Semiconductor MICRF505BML Datasheet HTML 17Page - Micrel Semiconductor MICRF505BML Datasheet HTML 18Page - Micrel Semiconductor MICRF505BML Datasheet HTML 19Page - Micrel Semiconductor MICRF505BML Datasheet HTML 20Page - Micrel Semiconductor MICRF505BML Datasheet HTML 21Page - Micrel Semiconductor MICRF505BML Datasheet HTML 22Page - Micrel Semiconductor MICRF505BML Datasheet HTML 23Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
May 13, 2004
19
M9999-051304
MICRF505
Micrel
RSSI
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000001
Modulation1 Modulation0
"0"
"0"
RSSI_en
LD_en
PF_FC1
PF_FC0
0
0,5
1
1,5
2
2,5
-110
-100
-90
-80
-70
-60
-50
-40
Pin
Pin
(dBm)
(dBm)
RSSI
Figure 12. RSSI Voltage
C10
1nF
R2
33k
Pin 14
RSSI
RSSI
Figure 13. RSSI Network
A typical plot of the RSSI voltage as function of input power
is shown in Figure 9. The RSSI has a dynamic range of about
50dB from about -110dBm to -60dBm input power.
The RSSI can be used as a signal presence indicator. When
a RF signal is received, the RSSI output increases. This could
be used to wake up circuitry that is normally in a sleep mode
configuration to conserve battery life.
Another application for which the RSSI could be used is to
determine if transmit power can be reduced in a system. If the
RSSI detects a strong signal, it could tell the transmitter to
reduce the transmit power to reduce current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com