Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF505BML
Description  868MHz and 915MHz ISM Band Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 10Page - Micrel Semiconductor MICRF505BML Datasheet HTML 11Page - Micrel Semiconductor MICRF505BML Datasheet HTML 12Page - Micrel Semiconductor MICRF505BML Datasheet HTML 13Page - Micrel Semiconductor MICRF505BML Datasheet HTML 14Page - Micrel Semiconductor MICRF505BML Datasheet HTML 15Page - Micrel Semiconductor MICRF505BML Datasheet HTML 16Page - Micrel Semiconductor MICRF505BML Datasheet HTML 17Page - Micrel Semiconductor MICRF505BML Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
MICRF505
Micrel
M9999-051304
14
May 13, 2004
C
1
1
C
1
C
C
L
10
11
parasitic
=
+
+
The parasitic capacitance is the pin input capacitance and
PCB stray capacitance. Typically the total parasitic capaci-
tance is around 6pF. For instance, for a 9pF load crystal the
recommended values of the external load capacitors are
5.6pF.
It is also possible to tune the crystal oscillator internally by
switching in internal capacitance using 5 tune bits XCOtune4
- XCOtune0. When XCOtune4 - XCOtune0 = 0 no internal
capacitors are connected to the crystal pins. When XCOtune4
- XCOtune0 = 1 all of the internal capacitors are connected to
the crystal pins. Figure 3 shows the tuning range for two
different capacitor values, these are 1.5pF and no capacitors.
The crystal used is a TN4-26011 from Toyocom. Specifica-
tion: Package TSX-10A, Nominal frequency 16.000000 MHz,
frequency tolerance
±10ppm, frequency stability ±9ppm,
load capacitance 9pF, pulling sensitivity 15ppm/pF.
-60,0
-40,0
-20,0
0,0
20,0
40,0
60,0
80,0
100,0
0
8
16
24
32
XCO bitvalue
2x1.5pF
2x0pF
Figure 6. XCO Tuning
The start up time is given in Table 7. As can be seen, more
capacitance will slow down the start up time.
The start-up time of a crystal oscillator is typically around a
millisecond. Therefore, to save current consumption, the
XCO is turned on before any other circuit block. During start-
up the XCO amplitude will eventually reach a sufficient level
to trigger the M-counter. After counting 2 M-counter output
pulses the rest of the circuit will be turned on. The current
consumption during the prestart period is approximately
280
mA.
XCO Bitvalue
Start-up Time (ms)
0
590
1
590
2
700
4
700
8
810
16
1140
31
2050
Table 7. Typical values with
CEXT= 1.5pF
If an external reference shall be used instead of a crystal, the
signal shall be applied to pin 24, XtalOut. Due to internal DC
setting in the XCO, an AC coupling is recommended to be
used between the external reference and the XtalOut-pin.
VCO
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000011
‘1’
‘1’
‘0’ VCO_IB2 VCO_IB1 VCO_IB0 VCO_freq1VCO_freq0
The VCO has no external components. It has three bit to set
the bias current and two bit to set the VCO frequency. These
five bit are set by the RF frequency, as follows:
RF freq.
VCO_IB2
VCO_IB1
VCO_IB0 VCO_freq1 VCO_freq0
850MHz
1110
0
868MHz
0110
1
915MHz
0011
0
950MHz
0001
1
Table 8. VCO Bit Setting
The bias bit will optimize the phase noise, and the frequency
bit will control a capacitor bank in the VCO. The tuning range,
the RF frequency versus varactor voltage, is dependent on
the VCO frequency setting, and can be shown in Figure 4.
When the tuning voltage is in the range from 0.9V to 1.4V, the
VCO gain is at its maximum, approximately 65 to 70MHz/V.
It is recommended that the varactor voltage stays in this
range.
The input capacitance at the varactor pin must be taken into
considerations when designing the PLL loop filter. This is
most critical when designing a loop filter with high bandwidth,
which gives relatively small component values. The input
capacitance is approximately 6pF.
Tuning range
800
820
840
860
880
900
920
940
960
980
1000
0
0,5
1
1,5
2
2,5
Varactor voltage (V)
'00'
'01'
'10'
'11'
Figure 7. RF Frequency vs. Varactor Voltage
and VCO Frequency bit (VDD = 2.25V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com