Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 48 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 48 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 44Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 52Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 400 page
background image
5 Power and clock management
5.1 Functional description
The power and clock management system automatically ensures maximum power efficiency.
The nRF9160 provides a total of three power modes; two internal (automatically handled by the device),
and one external (driven by the ENABLE pin and overriding internal ones).
The core of the automatic power and clock management is the power management unit (PMU) illustrated
in the image below.
nRF9160
Power
management
IC
(PMIC)
Clock
sources
PMU
Application core
Memory
Peripherals
LTE
modem
VDD
ENABLE
Figure 8: Power management unit
When the device is powered and enabled, the PMU automatically tracks the power and clock resources
required by the different components in the system. It then starts/stops and chooses operation modes in
supply regulators and clock sources, without user interaction, to achieve the lowest power consumption
possible.
5.1.1 Power management
The two internal modes are handled by the power management unit (PMU) , whereas the external is
handled by the user via the ENABLE pin.
The System Disabled mode provides a way to override the PMU by manipulating voltages presented to the
ENABLE pin.
The PMU steers system-wide clock and power in order to provide the power modes - System ON and
System OFF. Under the various modes, internal blocks are automatically powered by the PMU as required
by the application.
5.1.1.1 System Disabled mode
The entire device can be powered down by presenting the appropriate voltage to the externally available
ENABLE pin.
4418_1315 v2.0
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com