Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 14 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 14 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 10Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 11Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 12Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 13Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 14Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 15Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 16Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 17Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 18Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 400 page
background image
3 Product overview
3.1 Introduction
The nRF9160 is a low-power cellular IoT (Internet of Things) solution, integrating an ARM® Cortex®-M33
processor with advanced security features, a range of peripherals, as well as a complete LTE modem
compliant with 3GPP LTE release 13 Cat-M1 and Cat-NB1, and 3GPP LTE release 14 Cat-NB1 and Cat-NB2
standards.
The ARM Cortex-M33 processor is exclusively for user application software, and it offers 1 MB of flash
and 256 kB of RAM dedicated to this use. The M33 application processor shares the power, clock and
peripheral architecture with Nordic Semiconductor nRF51 and nRF52 Series of PAN/LAN SoCs, ensuring
minimal porting efforts.
The peripheral set offers a variety of analog and digital functionality enabling single-chip implementation
of a wide range of cellular IoT (Internet of Things) applications. ARM TrustZone technology, Cryptocell 310
and supporting blocks for system protection and key management, are embedded to enable advanced
security needed for IoT applications.
The LTE modem integrates a very flexible transceiver that in hardware supports frequency range from
700 to 2200 MHz (through a single 50 Ω antenna pin), and a baseband processor handling LTE Cat-M1/
NB1/NB2 protocol layers L1-L3 as well as IP upper layers offering secure socket API for the application. The
modem is supported by pre-qualified software builds available for free from Nordic Semiconductor.
On specific nRF9160 device variants, the LTE modem supports A-GPS operation during sleep intervals in
the LTE operation (RRC idle and PSM modes).
Note: Cat-NB2 is supported in LTE modem HW, but needs modem firmware support to get
enabled. Please refer to nRF9160 modem firmware release notes found under nRF91 FW binaries
downloads concerning availability of Cat-NB2 feature support".
3.2 Block diagram
This block diagram illustrates the overall system. Arrows with white heads indicate signals that share
physical pins with other signals.
4418_1315 v2.0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com