Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 45Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 46Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 47Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 48Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 49Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 50Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 51Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 52Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 400 page
background image
Power and clock management
The nRF9160 provides a feature to be able disable power throughout the entire device externally. This
can be useful when the device is operating as slave processor where it does not need to be powered on
at all times, then it is possible to avoid unnecesary current leaking by driving the ENABLE pin to low. The
nRF9160 will not start if is not enabled. Moreover, a change from disable to enable, will result in a power-
on-reset behavior inside the device.
Note: VDD_GPIO input must be driven low when device is disabled, failing to do so could result in
increased leakage. For more information, see VDD_GPIO considerations in Operating conditions on
page 391.
Note: In case the System Disabled mode is not used, ENABLE must be connected to VDD.
Pin Value
Power status
description
Low
Disabled
Device's internal power regulator disabled
High
Enabled
Device's internal power regulator enabled
Table 16: ENABLE pin configuration
5.1.1.2 System OFF mode
System OFF is the deepest internal power saving mode the system can enter.
In this mode, the core system functionality is powered down and ongoing tasks terminated, and only the
reset and the wakeup functions are available and responsive.
The device is put into System OFF mode using the REGULATORS register interface. When in System OFF
mode, one of the following signals/actions will wake up the device:
1. DETECT signal, generated by the GPIO peripheral
2. RESET
3. start of debug session
When the device wakes up from System OFF mode, a system reset is performed.
One or more RAM blocks can be retained in System OFF mode depending on the settings in the
RAM[n].POWER registers in VMC. RAM[n].POWER are retained registers, see Reset behavior on page
57. Note that these registers are usually overwritten by the startup code provided with the nRF
application examples.
Before entering System OFF mode, the user must make sure that all on-going EasyDMA transactions have
completed. This can be accomplished by making sure that EasyDMA enabled peripherals have stopped and
END events from them received. The LTE modem also needs to be stopped, by issuing a command through
the modem API, before entering System OFF mode. Once the command is issued, one should wait for the
modem to respond that it actually has stopped, as there may be a delay until modem is disconnected from
the network.
5.1.1.2.1 Emulated System OFF mode
If the device is in debug interface mode, System OFF will be emulated to secure that all required resources
needed for debugging are available during System OFF.
See Overview on page 369 chapter for more information. Required resources needed for debugging
include the following key components: Overview on page 369, CLOCK — Clock control on page 70,
POWER — Power control on page 64, NVMC — Non-volatile memory controller on page 29, CPU on
page 20, flash, and RAM. Since the CPU is kept on in emulated System OFF mode, it is required to add an
infinite loop directly after entering System OFF, to prevent the CPU from executing code that normally
should not be executed.
4418_1315 v2.0
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com