Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 18 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 18 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 14Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 15Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 16Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 17Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 18Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 19Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 20Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 21Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 22Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 400 page
background image
Product overview
A task is triggered when firmware writes '1' to the task register, or when the peripheral itself or another
peripheral toggles the corresponding task signal. See the figure Peripheral interface on page 16.
3.3.6 Events
Events are used to notify peripherals and the CPU about events that have happened, for example a state
change in a peripheral. A peripheral may generate multiple events, where each event has a separate
register in that peripheral's event register group.
An event is generated when the peripheral itself toggles the corresponding event signal, and the event
register is updated to reflect that the event has been generated, see figure Peripheral interface on page
16. An event register is cleared when a '0' is written to it by firmware. Events can be generated by the
peripheral even when the event register is set to '1'.
3.3.7 Publish and subscribe
Events and tasks from different peripherals can be connected together through the DPPI system using the
PUBLISH and SUBSCRIBE registers in each peripheral. See Peripheral interface on page 16. An event
can be published onto a DPPI channel by configuring the event's PUBLISH register. Similarly, a task can
subscribe to a DPPI channel by configuring the task's SUBSCRIBE register.
See DPPI - Distributed programmable peripheral interconnect on page 86 for details.
3.3.8 Shortcuts
A shortcut is a direct connection between an event and a task within the same peripheral. If a shortcut is
enabled, the associated task is automatically triggered when its associated event is generated.
Using shortcuts is equivalent to making the connection outside the peripheral and through the DPPI.
However, the propagation delay when using shortcuts is usually shorter than the propagation delay
through the DPPI.
Shortcuts are predefined, which means that their connections cannot be configured by firmware. Each
shortcut can be individually enabled or disabled through the shortcut register, one bit per shortcut, giving
a maximum of 32 shortcuts for each peripheral.
3.3.9 Interrupts
All peripherals support interrupts which are generated by events.
A peripheral only occupies one interrupt, and the interrupt number follows the peripheral ID. For example,
the peripheral with ID=4 is connected to interrupt number 4 in the nested vectored interrupt controller
(NVIC).
Using registers INTEN, INTENSET, and INTENCLR, every event generated by a peripheral can be
configured to generate that peripheral's interrupt. Multiple events can be enabled to generate interrupts
simultaneously. To resolve the correct interrupt source, the event registers in the event group of
peripheral registers will indicate the source.
Some peripherals implement only INTENSET and INTENCLR registers, and the INTEN register is not
available on those peripherals. See the individual peripheral chapters for details. In all cases, reading back
the INTENSET or INTENCLR register returns the same information as in INTEN.
Each event implemented in the peripheral is associated with a specific bit position in the INTEN, INTENSET,
and INTENCLR registers.
The relationship between tasks, events, shortcuts, and interrupts is illustrated in figure Peripheral interface
on page 16.
4418_1315 v2.0
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com