Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 2 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 2 Page - Nordic Semiconductor

  NRF9160-SIBA-R Datasheet HTML 1Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 2Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 3Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 4Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 5Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 6Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 7Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 8Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 9Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 400 page
background image
nRF9160 features
Features:
Microcontroller:
•
ARM Cortex -M33
•
243 EEMBC CoreMark score running from flash memory
•
Data watchpoint and trace (DWT), embedded trace macrocell (ETM), and
instrumentation trace macrocell (ITM)
•
Serial wire debug (SWD)
•
Trace port
•
1 MB flash
•
256 kB low leakage RAM
•
ARM Trustzone
•
ARM Cryptocell 310
•
Up to 4x SPI master/slave with EasyDMA
•
Up to 4x I2C compatible two-wire master/slave with EasyDMA
•
Up to 4x UART (CTS/RTS) with EasyDMA
•
I2S with EasyDMA
•
Digital microphone interface (PDM) with EasyDMA
•
4x pulse width modulator (PWM) unit with EasyDMA
•
12-bit, 200 ksps ADC with EasyDMA - eigth configurable channels with
programmable gain
•
3x 32-bit timer with counter mode
•
2x real-time counter (RTC)
•
Programmable peripheral interconnect (PPI)
•
32 general purpose I/O pins
•
Single supply voltage: 3.0 – 5.5 V
•
All necessary clock sources integrated
•
Package: 10 × 16 x 1.04 mm LGA
LTE modem:
•
Transceiver and baseband
•
3GPP LTE release 13 Cat-M1 and Cat-NB1 compliant
•
3GPP release 13 coverage enhancement
•
3GPP LTE release 14 Cat-NB2 compliant
•
GPS receiver
•
GPS L1 C/A supported
•
RF transceiver for global coverage
•
Up to 23 dBm output power
•
-108 dBm sensitivity (LTE-M) for low band, -107 dBm for mid
band
•
Single 50 Ω antenna interface
•
LTE band support in hardware:
•
Cat-M1: B1, B2, B3, B4, B5, B8, B12, B13, B14, B17, B18, B19,
B20, B25, B26, B28, B66
•
Cat-NB1/NB2: B1, B2, B3, B4, B5, B8, B12, B13, B17, B19, B20,
B25, B26, B28, B66
•
Supports SIM and eSIM with an ETSI TS 102 221 compatible UICC
interface
•
Power saving features: DRX, eDRX, PSM
•
IP v4/v6 stack
•
Secure socket (TLS/DTLS) API
Current consumption @ 3.7 V:
•
Power saving mode (PSM) floor current: 2.7 µA
•
eDRX @ 82.91s: 18 µA in Cat-M1, 37 µA in Cat-NB1 (UICC included)
Applications:
•
Sensor networks
•
Logistics and asset tracking
•
Smart energy
•
Smart building automation
•
Smart agriculture
•
Industrial
•
Retail and monitor devices
•
Medical devices
•
Wearables
4418_1315 v2.0
ii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com