Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 76 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 76 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 72Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 73Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 74Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 75Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 76Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 77Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 78Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 79Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 80Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 400 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
SRC
Active clock source
HFINT
0
HFINT - 64 MHz on-chip oscillator
HFXO
1
HFXO - 64 MHz clock derived from external 32 MHz crystal oscillator
B
R
STATE
HFCLK state
NotRunning
0
HFXO has not been started or HFCLKSTOP task has been triggered
Running
1
HFXO has been started (HFCLKSTARTED event has been generated)
5.3.2.1.19 LFCLKRUN
Address offset: 0x414
Status indicating that LFCLKSTART task has been triggered
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
STATUS
LFCLKSTART task triggered or not
NotTriggered
0
Task not triggered
Triggered
1
Task triggered
5.3.2.1.20 LFCLKSTAT
Address offset: 0x418
The register shows which LFCLK source has been requested (SRC) when triggering LFCLKSTART task and if
the source has been started (STATE)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
R
SRC
Active clock source
RFU
0
Reserved for future use
LFRC
1
32.768 kHz RC oscillator
LFXO
2
32.768 kHz crystal oscillator
B
R
STATE
LFCLK state
NotRunning
0
Requested LFCLK source has not been started or LFCLKSTOP task has
been triggered
Running
1
Requested LFCLK source has been started (LFCLKSTARTED event has
been generated)
5.3.2.1.21 LFCLKSRCCOPY
Address offset: 0x41C
Copy of LFCLKSRC register, set after LFCLKSTART task has been triggered
4418_1315 v2.0
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com