Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 36 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 36 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 33Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 34Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 35Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 36Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 37Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 38Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 39Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 40Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 400 page
background image
Application core
4.5.1 Registers
Base address Peripheral
Instance
Secure mapping
DMA security
Description
Configuration
0x00FF0000
FICR
FICR
S
NA
Factory information
configuration
Table 12: Instances
Register
Offset
Security Description
INFO.DEVICEID[n]
0x204
Device identifier
INFO.PART
0x20C
Part code
INFO.VARIANT
0x210
Part Variant, Hardware version and Production configuration
INFO.PACKAGE
0x214
Package option
INFO.RAM
0x218
RAM variant
INFO.FLASH
0x21C
Flash variant
INFO.CODEPAGESIZE
0x220
Code memory page size
INFO.CODESIZE
0x224
Code memory size
INFO.DEVICETYPE
0x228
Device type
TRIMCNF[n].ADDR
0x300
Address
TRIMCNF[n].DATA
0x304
Data
TRNG90B.BYTES
0xC00
Amount of bytes for the required entropy bits
TRNG90B.RCCUTOFF
0xC04
Repetition counter cutoff
TRNG90B.APCUTOFF
0xC08
Adaptive proportion cutoff
TRNG90B.STARTUP
0xC0C
Amount of bytes for the startup tests
TRNG90B.ROSC1
0xC10
Sample count for ring oscillator 1
TRNG90B.ROSC2
0xC14
Sample count for ring oscillator 2
TRNG90B.ROSC3
0xC18
Sample count for ring oscillator 3
TRNG90B.ROSC4
0xC1C
Sample count for ring oscillator 4
Table 13: Register overview
4.5.1.1 INFO.DEVICEID[n] (n=0..1)
Address offset: 0x204 + (n × 0x4)
Device identifier
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A
R
DEVICEID
64 bit unique device identifier
DEVICEID[0] contains the least significant bits of the device identifier.
DEVICEID[1] contains the most significant bits of the device identifier.
4.5.1.2 INFO.PART
Address offset: 0x20C
Part code
4418_1315 v2.0
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com