Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 35 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 35 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 33Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 34Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 35Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 36Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 37Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 38Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 39Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 400 page
background image
Application core
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
RW
WEN
Program memory access mode. It is strongly recommended to only
activate erase and write modes when they are actively used.
Enabling write or erase will invalidate the cache and keep it
invalidated.
Ren
0
Read only access
Wen
1
Write enabled
Een
2
Erase enabled
4.4.8.10 WRITEUICRNS
Address offset: 0x588
Non-secure APPROTECT enable register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B B B B B B B B B B B B B B B B B B B B B B B B B B B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
R/W
Field
Value ID
Value
Description
A
W
SET
Allow non-secure code to set APPROTECT
Set
1
Set value
B
W
KEY
Key to write in order to validate the write operation
Keyvalid
0xAFBE5A7
Key value
4.4.9 Electrical specification
4.4.9.1 Flash programming
Symbol
Description
Min.
Typ.
Max.
Units
nWRITE
Number of times a 32-bit word can be written before erase
2
nENDURANCE
Erase cycles per page
10,000
tWRITE
Time to write one 32-bit word
43
µs
tERASEPAGE
Time to erase one page
87
ms
tERASEALL
Time to erase all flash
173
ms
tERASEPAGEPARTIAL,setupSetup time for one partial erase
1.08
ms
4.4.9.2 Cache size
Symbol
Description
Min.
Typ.
Max.
Units
SizeICODE
I-Code cache size
2048
Bytes
4.5 FICR — Factory information configuration registers
Factory information configuration registers (FICR) are pre-programmed in factory and cannot be erased by
the user. These registers contain chip-specific information and configuration.
4418_1315 v2.0
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com