Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF9160-SIBA-R Datasheet(PDF) 29 Page - Nordic Semiconductor

Part # NRF9160-SIBA-R
Description  nRF9160 Product Specification
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF9160-SIBA-R Datasheet(HTML) 29 Page - Nordic Semiconductor

Back Button NRF9160-SIBA-R Datasheet HTML 25Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 26Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 27Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 28Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 29Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 30Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 31Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 32Page - Nordic Semiconductor NRF9160-SIBA-R Datasheet HTML 33Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 400 page
background image
Application core
4.3.1.3 RAM[n].POWERCLR (n=0..7)
Address offset: 0x608 + (n × 0x10)
RAMn power control clear register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
H G F E
D C B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
R/W
Field
Value ID
Value
Description
A-D W
S[i]POWER (i=0..3)
Keep RAM section Si of RAM n on or off in System ON mode
Off
1
Off
E-H W
S[i]RETENTION (i=0..3)
Keep retention on RAM section Si of RAM n when RAM section is
switched off
Off
1
Off
4.4 NVMC — Non-volatile memory controller
The non-volatile memory controller (NVMC) is used for writing and erasing of the internal flash memory
and the user information configuration register (UICR).
The NVMC is a split security peripheral. This means that when the NVMC is configured as non-secure, only
a subset of the registers is available from the non-secure code. See SPU — System protection unit on page
259 and Registers on page 32 for more details.
When the NVMC is configured to be a secure peripheral, only secure code has access.
Before a write can be performed, the NVMC must be enabled for writing in CONFIG.WEN. Similarly, before
an erase can be performed, the NVMC must be enabled for erasing in CONFIG.EEN, see CONFIG on page
33. The user must make sure that writing and erasing are not enabled at the same time. Failing to do
so may result in unpredictable behavior.
4.4.1 Writing to flash
When writing is enabled, in CONFIG register for secure region, or in CONFIGNS register for non-secure
region, flash is written by writing a full 32-bit word to a word-aligned address in flash.
Secure code has access to both secure and non-secure regions, by using the appropriate configuration of
CONFIG and CONFIGNS registers. Non-secure code, in constrast, has access to non-secure regions only.
Thus, non-secure code only needs CONFIGNS.
The NVMC is only able to write '0' to erased bits in flash, that is bits set to '1'. It cannot write a bit back to
'1'.
As illustrated in Memory on page 21, flash is divided into multiple pages. The same address in flash can
only be written nWRITE number of times before a page erase must be performed.
Only full 32-bit words can be written to flash using the NVMC interface. To write less than 32 bits to flash,
write the data as a word, and set all the bits that should remain unchanged in the word to '1'. Note that
the restriction about the number of writes (see above) still applies in this case.
The time it takes to write a word to flash is specified by tWRITE. If CPU executes code from flash while the
NVMC is writing to flash, the CPU will be stalled.
Only word-aligned writes are allowed. Byte or half-word-aligned writes will result in a bus fault.
4418_1315 v2.0
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com