Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 7 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 3Page - Sharp Corporation SM8521 Datasheet HTML 4Page - Sharp Corporation SM8521 Datasheet HTML 5Page - Sharp Corporation SM8521 Datasheet HTML 6Page - Sharp Corporation SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation SM8521 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
- 7 -
SM8521
NOTES :
1. Applicable pins : P00-P07, P10-P17, P20-P27, P30-P37, D0-
D7, VD0-VD7, X1, M0-M2
2. Applicable pins : RESETB, OSC1, RxDB, NMIB, INTB
3. Applicable pins : P00-P07, P10-P17, P20-P27, P30-P37,
VD0-VD7, X1, M0-M2 (non-connected
pull-up resistor)
4. Applicable pins : RESETB, P00-P07, P10-P17, P20-P27,
P30-P37 (connected pull-resistor)
5. Applicable pins : P00-P07, P10-P17, P20-P27, P30-P37, D0-
D7, A0-A20, MCE0B, MCE1B, IOE0B,
IOE1B, RDB, WRB, VA0-VA12, VCE0B,
VCE1B, VWRB, TxDB, XC, LP, FR,
CLK, XD0-XD3
6. No load condition, VDD = 5 V, main clock = 10 MHz
7. No load condition, VDD = 5 V, sub clock in active (32.768
kHz), VR = GND, input signal fixation.
8. No load condition, VDD = 5 V, sub clock in active (32.768
kHz), VR = GND, input signal fixation.
Including LCD, DMA, sound generator and any part
concerned with timer operation.
9. No load condition, VDD = 5 V, sub clock in active (32.768
kHz), VR = GND, input signal fixation.
10. No load condition, VDD = 5 V, OSC1 = GND, VR = GND,
input signal fixation.
DC CHARACTERISTICS
PARAMETER
SYMBOL
UNIT
NOTE
Input voltage
VIH1
0.8 x VDD
VDD
V
1
VIH2
VDD – 0.5
0.5
10
V
2
VIL2
IIH1
µA
µA
3
4
IIL1
–10
IIL2
–40
–75
–150
0.5
8
10
± 0.10
45
18
70
6
± 0.05
30
15
30
1
Output voltage
VOH1
VDD – 0.5
V
bits
k
Ω
V
mA
7
8
9
10
µA
µA
5
6
VOL1
D/A
Supply current
IDD
IDDH
IDDS1
IDDS2
MIN.
VIN = VDD, VDD = 5 V
VIH = 0 V, VDD = 5 V
VIN = 0 V, VDD = 5 V
IOH1 = –1 mA, VDD = 5 V
IOL1 = 10 mA, VDD = 5 V
VR = VDD = 5 V
VR = VDD = 5 V
VR = VDD = 5 V
fSYS = 5 MHz
fSYS = 5 MHz, HALT mode
fSUB oscillation, STOP mode
fSUB stop, STOP mode
MAX.
TYP.
VIL1
0
0.2 x VDD
Input current
Resolution
Combined tolerance
Output resistance
(VDD = 4.5 to 5.5 V, TOPR = –10 to +60˚C)
CONDITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com