Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 39 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 39 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 35Page - Sharp Corporation SM8521 Datasheet HTML 36Page - Sharp Corporation SM8521 Datasheet HTML 37Page - Sharp Corporation SM8521 Datasheet HTML 38Page - Sharp Corporation SM8521 Datasheet HTML 39Page - Sharp Corporation SM8521 Datasheet HTML 40Page - Sharp Corporation SM8521 Datasheet HTML 41Page - Sharp Corporation SM8521 Datasheet HTML 42Page - Sharp Corporation SM8521 Datasheet HTML 43Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
SM8521
- 39 -
How to overturn a character in right and left.
4-dot data is transfered as a unit, from ROM to
VRAM or VRAM to VRAM. ROM is composed of 8
bits.
In case of "Increment x" is effective, 8-bit data is
transfered as shown below.
Bit 7
ROM
0
VRAM
dot3
dot2
dot1
dot0
Bit 7
0
dot3
dot2
dot1
dot0
ROM
VRAM
Bit 7
0
dot3
dot2
dot1
dot0
Bit 7
0
dot0
dot1
dot2
dot3
Position of all specified dots, maximun 256, is
overturned with right and left in horizontal. The
heart of their X coordinates becomes an axis of
symmetry.
On the other hand, in case of "Decrement x" is
effective, 8-bit data is transferred as shown below.
In each 4-dot data is automatically swapped in right
and left.
DMX17 DMX16 DMX15 DMX14 DMX13 DMX12 DMX11 DMX10
DMX1 (Source X-coordinate register)
DMY1 (Source Y-coordinate register)
DMDX (X-width register (X-width-1))
DMDY (Y-width register (Y-width-1))
DMX2 (Destination X-coordinate register)
DMY2 (Destination Y-coordinate register)
Bit 7
0
Bit 7
0
Bit 7
0
Bit 7
0
Bit 7
0
Bit 7
0
DMY27 DMY26 DMY25 DMY24 DMY23 DMY22 DMY21 DMY20
DMX27 DMX26 DMX25 DMX24 DMX23 DMX22 DMX21 DMX20
DMDY7 DMDY6 DMDY5 DMDY4 DMDY3 DMDY2 DMDY1 DMDY0
DMDX7 DMDX6 DMDX5 DMDX4 DMDX3 DMDX2 DMDX1 DMDX0
DMY17 DMY16 DMY15 DMY14 DMY13 DMY12 DMY11 DMY10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com