Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 19 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 19 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation SM8521 Datasheet HTML 17Page - Sharp Corporation SM8521 Datasheet HTML 18Page - Sharp Corporation SM8521 Datasheet HTML 19Page - Sharp Corporation SM8521 Datasheet HTML 20Page - Sharp Corporation SM8521 Datasheet HTML 21Page - Sharp Corporation SM8521 Datasheet HTML 22Page - Sharp Corporation SM8521 Datasheet HTML 23Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
SM8521
- 19 -
Clock change register (CKKC)
Clock change register CKKC is an 8-bit readable/
writable register containing the control of system
clock change and the setting of warming up period
after waking up from the STOP mode.
Clock change register CKKC is initialized to 00H
after hardware reset.
Bit 7
0
Bit 7 : Clock change enable bit (FCPUEN)
Bit 6 : Main-clock stopped bit (MCKSTP)
Main-clock stopped allows switching to sub-clock
used as system clock.
Bits 5 to 3 : System clock selection bits
(FCPUS2-FCPUS0)
Under the bit FCPUEN = ‘1’, if executes the
STOP instruction, the bits will be valid.
Bit 2 : Reserved bit (TFCPU)
Always write ‘0’ to this position. Writing a ‘1’
produces unrealiable operation.
Bits 1 to 0 : Warming up selection bits
(WUPS1-WUPS10)
The bits are able to set the warming up period
of after wake up from STOP mode.
BIT
SYSTEM CLOCK FREQUENCY
000
System clock = (1/32) x main-clock
001
System clock = (1/16) x main-clock
010
System clock = (1/8) x main-clock
011
System clock = (1/4) x main-clock
101, 110
Reserved
100
System clock = (1/2) x main-clock
111
System clock = (1/2) x sub-clock
BIT
WARMING UP PERIOD AFTER STOP
MODE RELEASES
(when main-clock (fCK) = 10 MHz)
00
218 x main-clock period (26.21 ms)
01
217 x main-clock period (13.10 ms)
10
216 x main-clock period (6.553 ms)
11
215 x main-clock period (3.276 ms)
FCPUEN MCKSTP FCPUS2 FCPUS1 FCPUS0 TFCPU
WUPS1
WUPS0
Fig. 8
SM8521 Clock System (Equivalent Circuit for Clock System Peripheral Blocks)
fCK
Main-clock
1/2
1/2
1/2
1/2
1/2
1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2
CG
System clock
fSYS
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
5
f32K
f32K
fCK/4
fCK/8 fCK/16 fCK/32
System clock frequency control
Prescaler PRS0 (frequency divider on fCK/2)
Prescaler PRS1 (frequency divider on f32K)
Sub-clock
fc10 fc11 fc12 fc13 fc14 fc15 fc16
fx1
fx2
fx3
fx4
fx5
fx6
fx7
fx8
8
fCK/2
fCK/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
fc12 fc13 fc14 fc15
Prescaler PRS2 (frequency divider on fc10)
Warming up counter (frequency divider on fc10)
For warming
up counter
8
To function blocks
BIT
CONTENT
0
Disables system clock speed change
1
Enables system clock speed change
BIT
CONTENT
0
Main-clock operation
1
Main-clock stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com