Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 49 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 49 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 45Page - Sharp Corporation SM8521 Datasheet HTML 46Page - Sharp Corporation SM8521 Datasheet HTML 47Page - Sharp Corporation SM8521 Datasheet HTML 48Page - Sharp Corporation SM8521 Datasheet HTML 49Page - Sharp Corporation SM8521 Datasheet HTML 50Page - Sharp Corporation SM8521 Datasheet HTML 51Page - Sharp Corporation SM8521 Datasheet HTML 52Page - Sharp Corporation SM8521 Datasheet HTML 53Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
SM8521
- 49 -
UART Control Register (URTC)
Control register URTC is an 8-bit readable/writable
register specifying transfer format setting and
transmit/receive operation controlling.
Bit 7
0
Bits 7 to 5 : Set ‘0’.
Bit 4 : Transmit enable bit (TE)
Setting the bit TE to ‘1’, starts the built-in baud
rate
generator
and
the
interface
enters
transmissible status. In such status, if a transmit
data is written to the transmit data register
URTT, then will start the transmission operation.
If the bit TE clears to ‘0’, the transmitter will be
initializated.
Bit 3 : Receive enable bit (RE)
Setting the bit RE to ‘1’, starts the built-in baud
rate
generator
and
the
interface
enters
receivable status. In such status, if the start bit
(= ‘0’) is detected, then will start the receive
operation.
If the bit RE clears to ‘0’, the receiver will be
initializated.
Bit 2 : Parity enable bit (PEN)
Bit 1 : Even/odd parity bit (EOP)
Bit 0 : Stop bit length bit (SBL)
-
-
-
TE
RE
PEN EOP SBL
BIT
CONTENT
0
Transmitter disable
1
Transmitter enable
(built-in baud rate generator operates)
BIT
CONTENT
0
Receiver disable
1
Receiver enbable
(built-in baud rate generator operates)
BIT
CONTENT
0
Transmit : the data with parity bit
Receive : parity enable
1
Transmit : the data without parity bit
Receive : parity disable
BIT
CONTENT
0
Even parity
1
Odd parity
BIT
CONTENT
0
Stop bit : 1 bit
1
Stop bit : 2 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com