Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 29 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 29 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation SM8521 Datasheet HTML 31Page - Sharp Corporation SM8521 Datasheet HTML 32Page - Sharp Corporation SM8521 Datasheet HTML 33Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
SM8521
- 29 -
P0 to P3 (PIO data register)
Bit 7
0
(x = 0, 1, 2, 3)
NOTE :
In case of reading P0-P3 register on condition that control
register is input state, data of those pins is read. In case of
on condition that control register is output state, data of
register is read.
P0C to P2C (PIO control register)
Bit 7
0
(x = 0, 1, 2)
Bits 7 to 6 :
Bits 5 to 4 :
Bits 3 to 2 :
Bits 1 to 0 :
I/O PORTS
The SM8521 supports four 8-bit I/O ports. Each
port can be selected one out of input, outpit, input
with built-in pull-up resistor and open-drain in each
2-bit.
Internal Bus
Input/output
pins
Data register
I/O control circuit
Control register
Fig. 12
PIO Block Diagram
PX7PX6PX5PX4PX3PX2PX1PX0
PXC7 PXC6 PXC5 PXC4 PXC3 PXC2 PXC1 PXC0
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)
BIT
CONTENT
00
Input
01
10
11
Input (with pull-up resistor)
Output
Output (open-drain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com