Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 3 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 3 Page - Sharp Corporation

  SM8521 Datasheet HTML 1Page - Sharp Corporation SM8521 Datasheet HTML 2Page - Sharp Corporation SM8521 Datasheet HTML 3Page - Sharp Corporation SM8521 Datasheet HTML 4Page - Sharp Corporation SM8521 Datasheet HTML 5Page - Sharp Corporation SM8521 Datasheet HTML 6Page - Sharp Corporation SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
• Serial interface :
UART
8-bit clock asynchronous x 1
• Clock output
• Supply voltage : 4.5 to 5.5 V
• Packages : 128-pin QFP (QFP128-P-1420)
SM8521
- 3 -
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
NC
D7
D6
D5
D4
D3
D2
D1
D0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
31
RDB
32
WRB
33
MCE0B
34
MCE1B
35
IOE0B
36
IOE1B
37
GND
38
GND
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
VD1
NC
NC
VD2
VD3
VD4
VD5
VD6
VD7
VCE0B
VCE1B
VRDB
VWRB
P37
P36
P35
P34
P33
P32
P31
P30
P27
P26
P25
P24
P23
P22
P21
P20
72 P16
P17
71 P15
70 P14
69 P13
68 P12
67 P11
66 NC
65 NC
PIN CONNECTIONS
128-PIN QFP
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com