Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 5 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 5 Page - Sharp Corporation

  SM8521 Datasheet HTML 1Page - Sharp Corporation SM8521 Datasheet HTML 2Page - Sharp Corporation SM8521 Datasheet HTML 3Page - Sharp Corporation SM8521 Datasheet HTML 4Page - Sharp Corporation SM8521 Datasheet HTML 5Page - Sharp Corporation SM8521 Datasheet HTML 6Page - Sharp Corporation SM8521 Datasheet HTML 7Page - Sharp Corporation SM8521 Datasheet HTML 8Page - Sharp Corporation SM8521 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
- 5 -
SM8521
PIN NAME
I/O
FUNCTION
D0-D7
I/O
External data bus
A0-A20
O
External address bus
MCE0B
O
Chip enable 0 (Mask ROM/flash memory)
MCE1B
O
Chip enable 1 (SRAM)
IOE0B
O
I/O enable 0 (address : FF00-FFFF)
IOE1B
O
I/O enable 1 (address : FF00-FFFF)
RDB
O
Read strobe
WRB
O
Write strobe
NMIB
I
Non-maskable interrupt
INTB
I
External interrupt
VD0-7
I/O
VRAM data bus
VA0-12
O
VRAM address bus
VCE0B
O
VRAM chip enable 0 (A000-BFFF)
VCE1B
O
VRAM chip enable 1(C000-DFFF)
VRDB
O
VRAM read strobe
VWRB
O
VRAM write strobe
P00-P07
I/O
I/O port 0
P10-P17
I/O
I/O port 1
P20-P27
I/O
I/O port 2
P30-P37
I/O
I/O port 3
RxDB
I
UART data input port
TxDB
O
UART data output port
SOUND
O
Sound output
VR
I
D/A converter reference voltage
FR
O
LCD drive waveform
LP
O
Display data latch pulse
XC
O
Display data clock
XD0-XD3
O
Diaplay data
YD
O
Vertical timing
DOFFB
O
Display off
X1
I
Main clock input
X2
O
Main clock output
CLK
O
System clock output
OSC1
I
Subclock input
OSC2
O
Subclock output
RESETB
I
Reset
M0-M2
I
Operation Mode (usually GND)
VCC, GND
I
Power supply
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com