Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 13 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 9Page - Sharp Corporation SM8521 Datasheet HTML 10Page - Sharp Corporation SM8521 Datasheet HTML 11Page - Sharp Corporation SM8521 Datasheet HTML 12Page - Sharp Corporation SM8521 Datasheet HTML 13Page - Sharp Corporation SM8521 Datasheet HTML 14Page - Sharp Corporation SM8521 Datasheet HTML 15Page - Sharp Corporation SM8521 Datasheet HTML 16Page - Sharp Corporation SM8521 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
SM8521
- 13 -
76543210
MSB
LSB
MSB
Upper 8-bit
LSB
Lower 8-bit
Address
High
Low
Data Format
0000H-00FFH
0000H-00FFH
Even byte, 0000H-00FEH,
following byte (odd byte)
0000H-00FFH
Register file address
Bit
Byte
Word
BCD
Data
Type
70
Upper BCD digit
Lower BCD digit
0000H-00FFH or FF00H-FFFFH
0000H-00FFH
0000H-00FFH or FF00H-FFFFH
(Under shorthand)
0000H-FFFEH
following byte
0000H-00FFH
Memory address
Fig. 3
Register File/Memory Data Formats
Address Space
The SM85CPU has a 64 k-byte address space,
which is divided into RAM (0000H-0FFFH) and ROM
(1000H-FFFFH) areas. The address 0000H-007FH
are both shared by RAM and register file. Fig. 9-1
shows the SM8521 Memory Map.
The RAM and register file allocated at 0000H-007FH
can
be
selected
by
the
addressing
mode
designated by instructions.
The SM8521 supports an Memory Management
Unit used to external memory area expantion.
Refer to "Memory Management Unit (MMU)".
ROM Area
ROM area starts at the address 1000H of the space
address. The first portion (1000H-101FH) is reserved
for the interrupt vector table. Each 2 bytes entry in
the vector table contains the address of interrupts.
When an interrupt encountered, the CPU jumps to
the corresponding branch address of vector table
for program executing. The address 1020H marks
the start of the user program area itself. Executing
always starts at 1020H after hardware reset.
Register File Area
The register file is allocated between 0000H and
007FH. The first 16 bytes (0000H-000FH) area are
general registers. The remainder is for CPU control
registers, peripherals control register and data
register.
RAM Area
The RAM area starts at the beginning 0000H of the
address space. It overlaps the register file for the
address 0000H-007FH.
This arrangement is to shorten the instruction
length as much as possible and to permit the use
with both RAM and the register file for faster
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com