Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8521 Datasheet(PDF) 28 Page - Sharp Corporation

Part # SM8521
Description  8-Bit Single-Chip Microcomputer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM8521 Datasheet(HTML) 28 Page - Sharp Corporation

Back Button SM8521 Datasheet HTML 24Page - Sharp Corporation SM8521 Datasheet HTML 25Page - Sharp Corporation SM8521 Datasheet HTML 26Page - Sharp Corporation SM8521 Datasheet HTML 27Page - Sharp Corporation SM8521 Datasheet HTML 28Page - Sharp Corporation SM8521 Datasheet HTML 29Page - Sharp Corporation SM8521 Datasheet HTML 30Page - Sharp Corporation SM8521 Datasheet HTML 31Page - Sharp Corporation SM8521 Datasheet HTML 32Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
SM8521
ABOUT HOU TO USE HALT MODE AND STOP MODE
The chip switches back to the operating mode from
the HALT mode immediately after the wake up
sources are encountered. For this reason, the
HALT mode is more suitable for systems that need
to be immediately woke up frequently. And, all
interrupt sources (other than illegal instruction trap)
can wake up the chip from the HALT mode.
Switching back to the operating mode from the
STOP mode after the wake up sources are
encountered must pass a warming up period. In
addition, the function blocks used by the main-clock
cannot be used in the wake up from STOP mode.
Since the sampling circuit is stopped, it can not
accept the PINT0 input, either.
For this reason, the STOP mode (conserving more
power than the HALT mode) is suitable for systems
that can easily support the longer time that it will
take to get, back to the operating mode (warming
up period) .
In standby mode, I/O ports setting and output level
for output ports are remained.
Before switches to standby mode, in order to
reduce to the current through every pins, set with
program.
Table 4
System State at Standby Mode
HALT MODE
STOP MODE
Transition method
HALT instruction execution
STOP instruction execution
Wake up method
Hardware reset, interrupt
Hardware reset, interrupt∗1
Function
blocks
Stop
Stop
Operating
Stop
Operating
Operating
Remain∗2
Remain∗2
Remain (interruptable)
Remain (interruptable)
Operating
The timer used main-clock as counter clock is stop. It
used external clock as counter clock can still operate.
Operating
Stop
Operating
Stop
Operating
Stop
Operating
Stop
CPU
Main-clock
Sub-clock
RAM, register
I/O port
Timer
Capture trigger
UART
LCDC
Waveform
generator
∗1 The interrupts used to wake up the chip from STOP
mode only have the external interrupts and the internal
interrupts generated by operatable Timer, and SIO.
∗2 General registers, control registers, and the other
memory content all are remained. But something will be
changed for the operatable blocks at STOP mode (for
example, interrupt flag register IR0, IR1 content, etc.)
- 28 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com