Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 41Page - STMicroelectronics SPC574S60 Datasheet HTML 42Page - STMicroelectronics SPC574S60 Datasheet HTML 43Page - STMicroelectronics SPC574S60 Datasheet HTML 44Page - STMicroelectronics SPC574S60 Datasheet HTML 45Page - STMicroelectronics SPC574S60 Datasheet HTML 46Page - STMicroelectronics SPC574S60 Datasheet HTML 47Page - STMicroelectronics SPC574S60 Datasheet HTML 48Page - STMicroelectronics SPC574S60 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
DS10601 Rev 6
45/77
SPC574Sx
Electrical characteristics
76
Table 28. Flash memory program and erase specifications
Symbol
Characteristics(1)(2)
Value
Unit
Typ(3) C
Initial max
Typical
end of
life(4)
Lifetime
max(5)
C
25 °C
(6)
All
temp
(7)
C
< 1 K
cycles
< 100 K
cycles
tdwprogram
Double Word (64 bits)
program time [Packaged part]
43
C
130
—
—
140
500
C
µs
tpprogram
Page (256 bits) program time
72
C
240
—
—
240
1000
C
µs
tpprogrameep
Page (256 bits) program time
Data Flash - EEPROM
(partition 1) [Packaged part]
83
C
264
—
—
276
1000
C
µs
tqprogram
Quad Page (1024 bits)
program time
263
C
1040
1200
P
850
2000
C
µs
tqprogrameep
Quad Page (1024 bits)
program time Data Flash -
EEPROM (partition 1)
[Packaged part]
285
C
1140
1320
P
978
2000
C
µs
t16kpperase
16 KB block pre-program and
erase time
150
C
1000
1000
P
190
2000
—
C ms
t32kpperase
32 KB block pre-program and
erase time
200
C
1000
1000
P
230
2000
—
C ms
t64kpperase
64 KB block pre-program and
erase time
300
C
1000
1000
P
420
2000
—
C ms
t256kpperase
256 KB block pre-program
and erase time
900
C
2000
3000
P
1600
5000
—
C ms
t16kprogram
16 KB block program time
34
C
45
50
P
40
1000
—
C ms
t32kprogram
32 KB block program time
67
C
90
100
P
75
2000
—
C ms
t64kprogram
64 KB block program time
135
C
175
200
P
150
3000
—
C ms
t256kprogram 256 KB block program time
540
C
700
850
P
590
4000
—
C ms
t16kprogrameep
Program 16 KB Data Flash -
EEPROM (partition 1)
[Packaged part]
39
C
52
58
P
64
1000
C ms
t16keraseeep
Erase 16 KB Data Flash -
EEPROM (partition 1)
[Packaged part]
160
C
1000
1000
P
400
5000
C ms
ttr
Program rate(8)
2.2
C
2.8
3.40
C
2.4
—
C
s/M
B
tpr
Erase rate(8)
3.5
C
8.0
12.0
C
6.4
—
C
s/M
B
tffprogram
Full flash programming time(9)
3.3
C
4.2
5.2
P
3.0
16
—
C
s
tfferase
Full flash erasing time(9)
6.0
C
15.0
19.0
P
6.8
20
—
C
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com