Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 76 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 69Page - STMicroelectronics SPC574S60 Datasheet HTML 70Page - STMicroelectronics SPC574S60 Datasheet HTML 71Page - STMicroelectronics SPC574S60 Datasheet HTML 72Page - STMicroelectronics SPC574S60 Datasheet HTML 73Page - STMicroelectronics SPC574S60 Datasheet HTML 74Page - STMicroelectronics SPC574S60 Datasheet HTML 75Page - STMicroelectronics SPC574S60 Datasheet HTML 76Page - STMicroelectronics SPC574S60 Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Revision history
SPC574Sx
76/77
DS10601 Rev 6
25-Jul-2018
5
Following are the changes in this release of the document:
Updated the cover page.
Table 1: SPC574Sx device feature summary (superset configuration): Updated the
table.
Table 2: SPC574S60Ex, SPC574S64Ex device configuration differences: Added this
table.
Section 1.3: Feature overview: Updated the list.
Figure 2.2: Pin descriptions: Updated the figure.
Table 6: Absolute maximum ratings: Updated the table.
Table 8: Device operating conditions: Updated the table.
Table 12: I/O input DC electrical characteristics: Added a note to minimum value of VIH.
Table 10: Current consumption: Updated the table.
Table 13: I/O pull-up/pull-down DC electrical characteristics: Updated the table.
Table 19: Reset electrical characteristics: Removed note from below the table.
Section 3.4: Electromagnetic compatibility (EMC): Updated this section.
Section 3.22: DSPI CMOS master mode timing: Added this section.
Figure 27: Ordering information scheme: Updated the figure.
Table 25: Trimmed (PVT) values: Lower limit for POR200 is updated to 1.820 V.
14-Feb-2020
6
Changes from rev 5 to rev 6 are listed below:
Deleted all data related to eTQFP144 package including RPN SPC574S60E5 and
SPC574S64E5.
Removed MCAN2 throughout the document.
Table 8: Device operating conditions: Updated conditions and values for VREFH_ADC
symbol
Table 12: I/O input DC electrical characteristics: Updated conditions to be compliant
with production tests.
Table 14: Slow configuration I/O output DC characteristics: updated condition from
4.0 V < VDD_HV_IO < 5.5 V to 4.5 V < VDD_HV_IO < 5.5 V for ROH_S and ROL_S
Table 15: Medium configuration I/O output DC characteristics: updated condition from
4.0 V < VDD_HV_IO < 5.5 V to 4.5 V < VDD_HV_IO < 5.5 V for ROH_M and ROL_M
Table 16: Fast configuration I/O output DC characteristics: updated condition from
4.0 V < VDD_HV_IO < 5.5 V to 4.5 V < VDD_HV_IO < 5.5 V for ROH_F and ROL_F
Table 17: Very Fast configuration I/O output DC characteristics: updated condition from
4.0 V < VDD_HV_IO < 5.5 V to 4.5 V < VDD_HV_IO < 5.5 V for ROH_V and ROL_V
Table 19: Reset electrical characteristics:
– Updated conditions to 3.0V < VDD_HV_IO < 3.6 V and to 4.5 V < VDD_HV_IO < 5.5
V for VIL
– Updated condition to 3.0V<VDD_HV_IO < 5.5 V, VOL > 1.0V and value to 0.2 for
IOL_R 1st condition and updated value to 12 for IOL_R 2nd condition.
Table 23: Package ADC supply decoupling capacitance:
Removed the table footnote and added its content under the table since it provides
general information.
Table 32: External Oscillator electrical specifications: updated the ”C” column for gm
Table 43. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com