Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 49 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 45Page - STMicroelectronics SPC574S60 Datasheet HTML 46Page - STMicroelectronics SPC574S60 Datasheet HTML 47Page - STMicroelectronics SPC574S60 Datasheet HTML 48Page - STMicroelectronics SPC574S60 Datasheet HTML 49Page - STMicroelectronics SPC574S60 Datasheet HTML 50Page - STMicroelectronics SPC574S60 Datasheet HTML 51Page - STMicroelectronics SPC574S60 Datasheet HTML 52Page - STMicroelectronics SPC574S60 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
DS10601 Rev 6
49/77
SPC574Sx
Electrical characteristics
76
gm
CC
P
Oscillator Transconductance
(3.3 V)
TJ =-40 °C
to 150 °C
fXTAL ≤ 8 MHz
2.2
12.1
mA/V
DfXTAL ≤ 20 MHz
7
28.6
DfXTAL ≤ 40 MHz
9.7
37.4
CC
P
Oscillator Transconductance
(5 V)
TJ =-40 °C
to 150 °C
fXTAL ≤ 8 MHz
2.6
11.0
mA/V
DfXTAL ≤ 20 MHz
7.9
26.0
DfXTAL ≤ 40 MHz
10.4
34.0
VEXTAL
CC
D
Oscillation Amplitude on the
EXTAL pin after startup(9)
TJ = –40 °C to 150 °C
0.5
1.6
V
VHYS
CC
D Comparator Hysteresis
TJ = 150 °C
0.1
1.0
V
IXTAL
CC
D XTAL current(10)
TJ = 150 °C
—
14
mA
1. All oscillator specifications are valid for VDD_HV_IO =3.0 V – 5.5V.
2. The range is selectable by UTEST miscellaneous DCF clients XOSC_LF_EN and XOSC_EN_40MHZ.
3. This value is determined by the crystal manufacturer and board design.
4. Proper PC board layout procedures must be followed to achieve specifications.
5. Crystal recovery time is the time for the oscillator to settle to the correct frequency after adjustment of the integrated load
capacitor value.
6. This parameter is guaranteed by design rather than 100% tested.
7. Applies to an external clock input and not to crystal mode.
8. See crystal manufacturer’s specification for recommended load capacitor (CL) values.The external oscillator requires
external load capacitors when operating from 8 MHz to 16 MHz. Account for on-chip stray capacitance (CS_EXTAL/CS_XTAL)
and PCB capacitance when selecting a load capacitor value. When operating at 20 MHz/40 MHz, the integrated load
capacitor value is selected via S/W to match the crystal manufacturer’s specification, while accounting for on-chip and PCB
capacitance.
9. Amplitude on the EXTAL pin after startup is determined by the ALC block, i.e., the Automatic Level Control Circuit. The
function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation in order to
reduce power, distortion, and RFI, and to avoid over-driving the crystal. The operating point of the ALC is dependent on the
crystal value and loading conditions.
10. IXTAL is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded. This is the maximum
current during startup of the oscillator. The current after oscillation is typically in the 2-3 mA range and is dependent on the
load and series resistance of the crystal. Test circuit is shown in Figure 12. The ALC block is the Automatic Level Control
Circuit. The function of the ALC is to provide high drive current during oscillator startup, but reduce current after oscillation
in order to reduce power, distortion, and RFI, and to avoid overdriving the crystal.
Table 32. External Oscillator electrical specifications(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com