Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 60Page - STMicroelectronics SPC574S60 Datasheet HTML 61Page - STMicroelectronics SPC574S60 Datasheet HTML 62Page - STMicroelectronics SPC574S60 Datasheet HTML 63Page - STMicroelectronics SPC574S60 Datasheet HTML 64Page - STMicroelectronics SPC574S60 Datasheet HTML 65Page - STMicroelectronics SPC574S60 Datasheet HTML 66Page - STMicroelectronics SPC574S60 Datasheet HTML 67Page - STMicroelectronics SPC574S60 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
Electrical characteristics
SPC574Sx
64/77
DS10601 Rev 6
Figure 22. DSPI PCS strobe (PCSS) timing (master mode)
3.22.2
Modified timing
PCSx
PCSS
tPCSC
tPASC
Table 41. DSPI CMOS master modified timing (full duplex and output only) –
MTFE = 1(1)
#
Symbol
C
Characteristic
Condition
Value(2)
Unit
Pad drive(3)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
50
—
ns
2tCSC CC D PCS to SCK delay
SCK and PCS drive strength
Very strong
25 pF
50
—ns
3tASC CC D After SCK delay
SCK and PCS drive strength
Very strong
PCS = 0 pF
SCK = 50 pF
53
—ns
4tSDC CC D SCK duty cycle(4)
SCK drive strength
Very strong
0pF
1/2tSCK -2
1/2tSCK +2
ns
PCS strobe timing
5tPCSC CC D
PCSx to PCSS
time(5)
PCS and PCSS drive strength
Very strong
25 pF
25
—ns
6tPASC CC D
PCSS to PCSx
time(5)
PCS and PCSS drive strength
Very strong
25 pF
25
—ns
SIN setup time
7tSUI
CC D
SIN setup time to
SCK
SCK drive strength
Very strong
25 pF
20
—
ns
SIN hold time
8tHI
CC D
SIN hold time from
SCK
SCK drive strength
Very strong
0pF
0—
ns
SOUT data valid time (after SCK edge)
9tSUO CC D
SOUT data valid
time from SCK
SOUT and SCK drive strength
Very strong
25 pF
—
6ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com