Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 15Page - STMicroelectronics SPC574S60 Datasheet HTML 16Page - STMicroelectronics SPC574S60 Datasheet HTML 17Page - STMicroelectronics SPC574S60 Datasheet HTML 18Page - STMicroelectronics SPC574S60 Datasheet HTML 19Page - STMicroelectronics SPC574S60 Datasheet HTML 20Page - STMicroelectronics SPC574S60 Datasheet HTML 21Page - STMicroelectronics SPC574S60 Datasheet HTML 22Page - STMicroelectronics SPC574S60 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
DS10601 Rev 6
19/77
SPC574Sx
Electrical characteristics
76
3.3
Absolute maximum ratings
Table 6. Absolute maximum ratings(1)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
Cycle
T
Lifetime power cycles
—
—
1000k
—
VSS
C Ground voltage
—
—
—
—
VDD_LV
C 1.2 V core supply voltage(2)
—-0.3
1.5
V
VDD_HV_IO
C
I/O and power management
unit supply voltage(3)
—-0.3
6.0
V
VDD_HV_OSC
C
OSC power supply
—
-0.3
6.0
V
VDD_HV_ADC_TSENS C ADC & TSENS power supply
—
-0.3
6.0
V
VREFH_ADC
C ADC reference supply
—
0
VDD_HV_ADC_TSENS
V
VIN
C I/O input voltage range(4)
—-0.3
6.0
V
Relative to VSS
-0.3
—
Relative to VDD_HV_IO
—0.3
IINJD
T
Maximum DC injection
current for digital pad during
overload condition
Per pin, applies to all
digital pins
-3
3
mA
IINJA
T
Maximum DC injection
current for analog pad during
overload condition
Per pin, applies to all
analog pins
-3
3
mA
IMAXD
SR
Maximum output DC current
when driven
Medium
-7
8
mA
Fast
-10
10
Very fast
-11
11
IMAXSEG (IO rail #0) SR
Maximum current per power
segment(5)
—-90
90
mA
IMAXSEG (IO rail #1) SR
Maximum current per power
segment(5)
—-90
90
mA
TSTG
SR
Storage temperature range
and non-operating times
—
-55
175
°C
STORAGE
SR
Maximum storage time,
assembled part programmed
in ECU
No supply; storage
temperature in range
-40 °C to 85 °C
—
20
years
TSDR
SR
Maximum solder
temperature(6)
Pb-free package
—
—
260
°C
MSL
SR Moisture sensitivity level(7)
——
3
—
X-rays dose
T
Maximum cumulated dose
allowable
Range for x-rays
source during
inspection:
80÷130 KV; 20÷50 µA
—1
Grey



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com