Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 28Page - STMicroelectronics SPC574S60 Datasheet HTML 29Page - STMicroelectronics SPC574S60 Datasheet HTML 30Page - STMicroelectronics SPC574S60 Datasheet HTML 31Page - STMicroelectronics SPC574S60 Datasheet HTML 32Page - STMicroelectronics SPC574S60 Datasheet HTML 33Page - STMicroelectronics SPC574S60 Datasheet HTML 34Page - STMicroelectronics SPC574S60 Datasheet HTML 35Page - STMicroelectronics SPC574S60 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Electrical characteristics
SPC574Sx
32/77
DS10601 Rev 6
3.10
RESET electrical characteristics
The device implements a dedicated bidirectional reset pin (PORST).
Note:
PORST pin does not require active control. It is possible to implement an external pull-up to
ensure the correct reset exit sequence. The recommended value is 4.7 Kohm.
Table 18. I/O output DC characteristics for PAD[4], PAD[9], PAD[11], PAD[16], PAD[47], PAD[55],
PAD[56], PAD[62] and PAD_FCCU_F1E
Functionality Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Slow
ROH_S
PMOS output impedance
slow configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <0.5 mA
539
—
1600
Ω
ROL_S
NMOS output impedance
slow configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL <0.5 mA
534
—
1896
Ω
fmax_S
Output frequency slow
configuration
CL =25 pF
—
—
2
MHz
CL =50 pF
—
—
1
tTR_S
Transition time output pin
slow configuration
CL = 25 pF
—
—
152
ns
CL = 50 pF
—
—
279
tSKEW_S
Difference between rise
time and fall time
——
—
50
%
Medium
ROH_M
PMOS output impedance
slow configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <0.5 mA
135
—
405
Ω
ROL_M
NMOS output impedance
slow configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL <0.5 mA
131
—
495
Ω
fmax_M
Output frequency slow
configuration
CL =25 pF
—
—
12
MHz
CL =50 pF
—
—
6
tTR_M
Transition time output pin
slow configuration
CL =25 pF
—
—
45
ns
CL =50 pF
—
—
77
tSKEW_M
Difference between rise
time and fall time
——
—
46
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com