Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 16Page - STMicroelectronics SPC574S60 Datasheet HTML 17Page - STMicroelectronics SPC574S60 Datasheet HTML 18Page - STMicroelectronics SPC574S60 Datasheet HTML 19Page - STMicroelectronics SPC574S60 Datasheet HTML 20Page - STMicroelectronics SPC574S60 Datasheet HTML 21Page - STMicroelectronics SPC574S60 Datasheet HTML 22Page - STMicroelectronics SPC574S60 Datasheet HTML 23Page - STMicroelectronics SPC574S60 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 77 page
background image
Electrical characteristics
SPC574Sx
20/77
DS10601 Rev 6
3.4
Electromagnetic compatibility (EMC)
Information about EMC performance is available from STMicroelectronics on request.
3.5
Electrostatic discharge (ESD)
Table 7 describes the ESD ratings of the device.
3.6
Operating conditions
1. Functional operating conditions are given in the DC electrical specifications. Absolute maximum ratings are stress ratings
only, and functional operation at the maxima is not guaranteed. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability or cause permanent damage to the device. During overload conditions (VIN >
VDD_HV_IO or VIN < VSS), the voltage on pins with respect to ground (VSS) must not exceed the recommended values.
2. External regulator mode.
3. Allowed 5.5–6.0 V for 60 seconds cumulative time with no restrictions, for 10 hours cumulative time device in reset, TJ =°C
remaining time at or below 5.5 V.
4. The maximum input voltage on an I/O pin tracks with the associated I/O supply maximum. For the injection current
condition on a pin, the voltage will be equal to the supply plus the voltage drop across the internal ESD diode from I/O pin
to supply. The diode voltage varies greatly across process and temperature, but a value of 0.3V can be used for nominal
calculations.
5. Analog and digital controller pins must not exceed mA. A VDD_HV_IO power segment is defined as one or more GPIO pins
located between two VDD_HV_IO supply pins.
6. Solder profile per IPC/JEDEC J-STD-020D.
7. Moisture sensitivity per JEDEC test method A112.
Table 7. ESD ratings(1),(2)
Parameter
C
Conditions
Value
Unit
ESD for Human Body Model (HBM)(3)
T
All pins
2000
V
ESD for field induced Charged Device Model (CDM)(4)
T
All pins
500
V
1. All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
2. Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot temperature.
Maximum DC parametrics variation within 10% of maximum specification”.
3. This parameter tested in conformity with ANSI/ESD STM5.1-2007 Electrostatic Discharge Sensitivity Testing.
4. This parameter tested in conformity with ANSI/ESD STM5.3-1990 Charged Device Model - Component Level.
Table 8. Device operating conditions(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
Frequency
fSYS
SR
Device
operating
frequency(2)
TJ -40 °C to 150 °C
—
—
140
MHz
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com