Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 35Page - STMicroelectronics SPC574S60 Datasheet HTML 36Page - STMicroelectronics SPC574S60 Datasheet HTML 37Page - STMicroelectronics SPC574S60 Datasheet HTML 38Page - STMicroelectronics SPC574S60 Datasheet HTML 39Page - STMicroelectronics SPC574S60 Datasheet HTML 40Page - STMicroelectronics SPC574S60 Datasheet HTML 41Page - STMicroelectronics SPC574S60 Datasheet HTML 42Page - STMicroelectronics SPC574S60 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
DS10601 Rev 6
39/77
SPC574Sx
Electrical characteristics
76
The LV voltage is organized as one single domain. The LV can be generated internally (with
internal ballast) or externally, depending on a pin setting. The exposed pad is used to
connect the ground ring.
The ballasts are circuits placed in the padring, similarly as other pad circuits (supply or
input/output functions).
The S_BALLASTs are controlled by the digital regulator to source the static current. Total
current capability for the S_BALLAST on the LV domain is 325mA.
The D_BALLASTs are controlled by the linear regulator to source the dynamic current to
support the transient load response. Total current capability for all the D_BALLAST on the
LV domain is 100mA.
Transient time for the dynamic regulation is 20 µs for maximum 100mA on the LV.
The S_BALLASTs are enabled only in INTERNAL regulator mode (PWMODE = 1).
The D_BALLASTs are always enabled in INTERNAL regulator mode (PWMODE = 1).
The D_BALLASTs are enabled in EXTERNAL regulator mode (PWMODE = 0) only if the LV
supply is out of specs (+/- 5%) as tentative to avoid the device reset.
Figure 9. PMU concept scheme
Table 20. HV supply schemes
Internal
regulator
Number of HV
supplies
HV supply domains
Number of LV
supplies
Mandatory
2
ADC group #0
IO rail #0 + XOSC + PMU + Flash + IO rail #1
NA
VDD_HV
VREF1
+
-
VREF2
+
-
FEEDBACK
VDD_LV
PMOS
NMOS
PMOS [14:0]
VDD_LV
VDD_HV
VDD_HV
LEVEL SHIFTER
DIG REGULATOR
A/D
DIODE
VDD_HV
STATIC BALLAST (digital)
MIRROR
IREF
DYNAMIC BALLAST (linear)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com