Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SPC574S60 Datasheet HTML 43Page - STMicroelectronics SPC574S60 Datasheet HTML 44Page - STMicroelectronics SPC574S60 Datasheet HTML 45Page - STMicroelectronics SPC574S60 Datasheet HTML 46Page - STMicroelectronics SPC574S60 Datasheet HTML 47Page - STMicroelectronics SPC574S60 Datasheet HTML 48Page - STMicroelectronics SPC574S60 Datasheet HTML 49Page - STMicroelectronics SPC574S60 Datasheet HTML 50Page - STMicroelectronics SPC574S60 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
DS10601 Rev 6
47/77
SPC574Sx
Electrical characteristics
76
All the Flash operations require the presence of the system clock for internal
synchronization. About 50 synchronization cycles are needed: this means that the timings of
the previous table can be longer if a low frequency system clock is used.
3.15
PLL0/PLL1 electrical characteristics
The device provides a phase-locked loop (PLL0) as well as a frequency-modulated phase-
locked loop (PLL1) module to generate a fast system clock from the main oscillator driver.
Table 29. Flash memory Life Specification
Symbol
Characteristics(1)
Value
Unit
Min
C
Typ
C
NCER16K 16 KB CODE Flash endurance
10
—
100
—
Kcycles
NCER32K 32 KB CODE Flash endurance
10
—
100
—
Kcycles
NCER64K 64 KB CODE Flash endurance
10
—
100
—
Kcycles
NCER256K 256 KB CODE Flash endurance
1
—
100
—
Kcycles
NDER16K 16 KB EEPROM Flash endurance
100
—
—
Kcycles
tDR1k
Minimum data retention Blocks with 0 - 1,000 P/E cycles
25
—
—
Years
tDR10k
Minimum data retention Blocks with 1,001 - 10,000 P/E cycles
15
—
—
Years
tDR100k Minimum data retention Blocks with 10,001 - 100,000 P/E cycles 15
—
—
Years
1. Program and erase cycles supported across specified temperature specs.
Table 30. PLL1 electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
fPLLIN SR — PLL1 reference clock(2)
—
37.5
—
78.125 MHz
ΔPLLIN SR —
PLL1 reference clock duty
cycle(2)
—35
—
65
%
fPLLOUT CC D PLL1 output clock frequency
—
4.762
—
625
MHz
fVCO(3) CC P VCO frequency
—
600
—
1250 MHz
tLOCK CC P PLL1 lock time
Stable oscillator (fPLLIN =16 MHz)
—
—
50
µs
ΔtSTJIT CC T PLL1 short term jitter
fPLLIN = 16 MHz (resonator),
fPLLCLK @ 64 MHz
——
1.8
ns
IPLL
CC C PLL1 consumption
TA =25°C
—
—
5
mA
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to 125 °C, unless otherwise specified.
2. PLLIN clock retrieved directly from FXOSC clock. Input characteristics are granted when oscillator is used in functional
mode. When bypass mode is used, oscillator input clock should verify fPLLIN and ΔPLLIN.
3. Frequency modulation is considered ±2%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com