Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products MAX1844 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
_______________________________________________________________________________________
7
0
2
6
4
8
10
010
5
15202530
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (PWM MODE)
INPUT VOLTAGE (V)
IIN
IDD
ICC
0.8
0.6
0.4
0.2
0
015
510
20
25
30
NO-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE (SKIP MODE)
INPUT VOLTAGE (V)
ICC
IIN
IDD
20
µs/div
LOAD-TRANSIENT RESPONSE
(PWM MODE)
INDUCTOR
CURRENT
2A/div
VOUT
AC COUPLED
100mV/div
DL
5V/div
MAX1844 toc12A
20
µs/div
LOAD-TRANSIENT RESPONSE
(SKIP MODE)
INDUCTOR
CURRENT
2A/div
VOUT
AC COUPLED
100mV/div
DL
5V/div
MAX1844 toc12B
500
µs/div
STARTUP WAVEFORM
INDUCTOR
CURRENT
5A/div
VOUT
1V/div
MAX1844 toc14
SHDN
5V/div
DL
5V/div
40
µs/div
OUTPUT OVERLOAD WAVEFORM
(UVP = GND)
VOUT
1V/div
DL
5V/div
INDUCTOR
CURRENT
5A/div
MAX1844 toc13A
RLOAD = 112m
Ω
40
µs/div
OUTPUT OVERLOAD WAVEFORM
(UVP = VCC, OVP = GND)
VOUT
1V/div
DL
5V/div
INDUCTOR
CURRENT
5A/div
MAX1844 toc13B
RLOAD = 112m
Ω
100
µs/div
SHUTDOWN WAVEFORM
(OVP = GND)
VOUT
1V/div
DL
5V/div
INDUCTOR
CURRENT
5A/div
MAX1844 toc15A
RLOAD = 1
Ω
100
µs/div
SHUTDOWN WAVEFORM
(OVP = VCC)
VOUT
1V/div
DL
5V/div
INDUCTOR
CURRENT
5A/div
MAX1844 toc15B
RLOAD = 1
Ω
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 15V, SKIP = GND, TON = unconnected, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com