Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1844 Datasheet HTML 1Page - Maxim Integrated Products MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX1844EEP
1.5
5
DH Gate-Driver On-Resistance
(Note 4)
BST - LX forced to 5V
MAX1844EGP, MAX1844ETP
1.5
6
Ω
MAX1844EEP
1.5
5
DL Gate-Driver On-Resistance
(Note 4)
DL, high state
MAX1844EGP, MAX1844ETP
1.5
6
Ω
MAX1844EEP
0.5
1.7
DL Gate-Driver On-Resistance
(Note 4)
DL, low state
MAX1844EGP, MAX1844ETP
0.5
2.7
Ω
DH Gate-Driver Source/Sink
Current
DH forced to 2.5V, BST-LX forced to 5V
1
A
DL Gate-Driver Source Current
DL forced to 2.5V
1
A
DL Gate-Driver Sink Current
DL forced to 5V
3
A
DL rising
35
Dead Time
DH rising
26
ns
Logic Input High Voltage
LATCH, SHDN, SKIP
2.4
V
Logic Input Low Voltage
LATCH, SHDN, SKIP
0.8
V
Logic Input Current
LATCH, SHDN, SKIP
-1
+1
µA
Dual Mode Threshold, Low
OVP, UVP, FB
0.15
0.20
0.25
V
OVP, UVP
VCC - 1.5
VCC - 0.4
Dual Mode Threshold, High
FB
1.9
2.0
2.1
V
TON VCC Level
VCC - 0.4
V
TON Float Voltage
3.15
3.85
V
TON Reference Level
1.65
2.35
V
TON GND Level
0.5
V
TON Input Current
Forced to GND or VCC
-3
+3
µA
ILIM Input Leakage Current
-100
0
+100
nA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery voltage, V+
2
28
Input Voltage Range
VCC , VDD
4.5
5.5
V
FB = OUT
0.985
1.015
FB = GND
2.462
2.538
Error Comparator Threshold
(DC Output Voltage Accuracy)
(Note 1)
V+ = 4.5V to 28V,
SKIP = VCC
FB = VCC
1.773
1.827
V
TON = GND
(600kHz)
140
180
TON = REF(450kHz)
175
225
TON = Unconnected
(300kHz)
260
320
On-Time
V+ = 24V,
VOUT = 2V
(Note 2)
TON = VCC(200kHz)
380
470
ns
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = -40
°C to +85°C, unless otherwise noted.) (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com