Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1844 Datasheet HTML 1Page - Maxim Integrated Products MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Off-Time
(Note 2)
500
ns
Quiescent Supply Current (VCC)
FB forced above the regulation point
800
µA
Quiescent Supply Current (VDD)
FB forced above the regulation point
5
µA
Quiescent Supply Current (V+)
Measured at V+
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
5
µA
Shutdown Supply Current (VDD)
SHDN = GND
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V, VCC = VDD = 0 or 5V
5
µA
Reference Voltage
VCC = 4.5V to 5.5V, no external REF load
1.98
2.02
V
Overvoltage Trip Threshold
(Fixed-Threshold Mode)
With respect to error comparator threshold, no load
OVP = GND, rising edge, hysteresis = 1%
12
17
%
External feedback, measured at FB with respect to
VOVP, 1V < VOVP 1.8V, rising edge, hysteresis = 1%
-30
+30
mV
Overvoltage Comparator Offset
(Adjustable-Threshold Mode)
Internal feedback, measured at OUT with respect to the
nominal OUT regulation voltage, 1V < VOVP < 1.8V
-3.5
+3.5
%
PGOOD Trip Threshold (Lower)
With respect to error comparator threshold, no load
OUT falling edge, hysteresis = 1%
-12.5
-7.5
%
PGOOD Trip Threshold (Upper)
With respect to error comparator threshold, no load
OUT rising edge, hysteresis = 1%
7.5
12.5
%
PGOOD Output Low Voltage
ISINK = 1mA
0.4
V
PGOOD Leakage Current
High state, forced to 5.5V
1
µA
Current-Limit Threshold (Fixed)
GND - VCS, ILIM = VCC
85
115
mV
GND - VCS, VILIM = 0.5V
35
65
Current-Limit Threshold
(Adjustable)
GND - VCS, VILIM = 2V
160
240
mV
VCC Undervoltage
Lockout Threshold
Rising edge, hysteresis = 20mV,
PWM disabled below this level
4.1
4.4
V
Logic Input High Voltage
LATCH, SHDN, SKIP
2.4
V
Logic Input Low Voltage
LATCH, SHDN, SKIP
0.8
V
Logic Input Current
LATCH, SHDN, SKIP
-1
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, V+ = 15V, VCC = VDD = 5V, SKIP = GND, TA = -40
°C to +85°C, unless otherwise noted.) (Note 3)
Note 1: When the inductor is in continuous conduction, the output voltage will have a DC regulation level higher than the error com-
parator threshold by 50% of the ripple. In discontinuous conduction (SKIP = GND, light load), the output voltage will have a
DC regulation level higher than the trip level by approximately 1.5% due to slope compensation.
Note 2: On-time and off-time specifications are measured from 50% point to 50% point at the DH pin with LX = GND, VBST = 5V,
and a 250pF capacitor connected from DH to LX. Actual in-circuit times may differ due to MOSFET switching speeds.
Note 3: Specifications to -40°C are guaranteed by design, not production tested.
Note 4: Production testing limitations due to package handling require relaxed maximum on-resistance specifications for the QFN
package. The MAX1844EEP, MAX1844EGP, and MAX1844ETP contain the same die and the QFN package imposes no
additional resistance in-circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com