Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products MAX1844 Datasheet HTML 11Page - Maxim Integrated Products MAX1844 Datasheet HTML 12Page - Maxim Integrated Products MAX1844 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Standard Application Circuit
The standard application circuit (Figure 1) generates a
2.5V rail for general-purpose use in a notebook computer.
See Table 1 for component selections. Table 2 lists com-
ponent manufacturers.
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
_______________________________________________________________________________________
9
PIN
QSOP
QFN
NAME
FUNCTION
14
11
VCC
Analog Supply Input. Connect to the system supply voltage, 4.5V to 5.5V, with a series 20
Ω resistor.
Bypass to GND with a 1µF (min) ceramic capacitor.
15
12
TON
On-Time Selection-Control Input. This four-level logic input sets the nominal DH on-time. Connect to
GND, REF, VCC, or leave TON unconnected to select the following nominal switching frequencies:
GND = 600kHz, REF = 450kHz, floating = 300kHz, and VCC = 200kHz.
16
13
V+
Battery Voltage Sense Connection. Connect to input power source. V+ is used only to set the PWM
one-shot timing.
17
14
SKIP
Pulse-Skipping Control Input. Connect to VCC for low-noise, forced-PWM mode. Connect to GND to
enable pulse-skipping operation.
18
15
BST
Boost Flying-Capacitor Connection. Connect to an external capacitor and diode according to the
Standard Application Circuit (Figure 1). See the MOSFET Gate Drivers (DH, DL) section.
19
16
LX
External Inductor Connection. Connect LX to the switched side of the inductor. LX serves as the
lower supply rail for the DH high-side gate driver.
20
17
DH
High-Side Gate-Driver Output. Swings from LX to BST.
Pin Description (continued)
Table 1. Component Selection for
Standard Applications
COMPONENT
2.5V AT 4A
C1 Input Capacitor
10
µF, 25V
Taiyo Yuden TMK432BJ106KM or
TDK C4532X5R1E106M
C2 Output Capacitor
330
µF, 6V
Kemet T510X477108M006AS or
Sanyo 6TPB330M
D1 Schottky
Nihon EP10QY03
L1 Inductor
4.7
µH
Coilcraft DO33116P-682 or
Sumida CDRH124-4R7MC
Q1 High-Side MOSFET
Fairchild Semiconductor
1/2 FDS6982A
Q2 Low-Side MOSFET
Fairchild Semiconductor
1/2 FDS6982A
RSENSE
0.015
Ω ±1%, 0.5W resistor
IRC LR2010-01-R015F or
Dale WSL-2010-R015F
Table 2. Component Suppliers
*Distributor
SUPPLIER
USA PHONE
FACTORY FAX
Coilcraft
847-639-6400
1-847-639-1469
Dale-Vishay
203-452-5664
1-203-452-5670
Fairchild
408-822-2181
1-408-721-1635
IRC
800-752-8708
1-828-264-7204
Kemet
408-986-0424
1-408-986-1442
NIEC (Nihon)
805-867-2555*
81-3-3494-7414
Sanyo
619-661-6835
81-7-2070-1174
Sumida
847-956-0666
81-3-3607-5144
Taiyo Yuden
408-573-4150
1-408-573-4159
TDK
847-390-4461
1-847-390-4405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com