Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1844 Datasheet HTML 9Page - Maxim Integrated Products MAX1844 Datasheet HTML 10Page - Maxim Integrated Products MAX1844 Datasheet HTML 11Page - Maxim Integrated Products MAX1844 Datasheet HTML 12Page - Maxim Integrated Products MAX1844 Datasheet HTML 13Page - Maxim Integrated Products MAX1844 Datasheet HTML 14Page - Maxim Integrated Products MAX1844 Datasheet HTML 15Page - Maxim Integrated Products MAX1844 Datasheet HTML 16Page - Maxim Integrated Products MAX1844 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
where VDROP1 is the sum of the parasitic voltage drops
in the inductor discharge path, including synchronous
rectifier, inductor, and PC board resistances; VDROP2 is
the sum of the resistances in the charging path, and tON
is the on-time calculated by the MAX1844.
Automatic Pulse-Skipping Switchover
In skip mode (SKIP low), an inherent automatic
switchover to PFM takes place at light loads (Table 3).
This switchover is effected by a comparator that trun-
cates the low-side switch on-time at the inductor current’s
zero crossing. This mechanism causes the threshold
between pulse-skipping PFM and nonskipping PWM
operation to coincide with the boundary between continu-
ous and discontinuous inductor-current operation (also
known as the “critical conduction” point; see the
Continuous to Discontinuous Inductor Current vs. Input
Voltage graph in the Typical Operating Characteristics).
In low-duty-cycle applications, this threshold is relatively
constant, with only a minor dependence on battery
voltage.
where K is the on-time scale factor (Table 5). The load-
current level at which PFM/PWM crossover occurs,
ILOAD(SKIP), is equal to 1/2 the peak-to-peak ripple cur-
rent, which is a function of the inductor value (Figure 3).
For example, in the standard application circuit with
K = 3.3µs (Table 5), VOUT = 2.5V, VIN = 15V, and L =
6.8µH, switchover to pulse-skipping operation occurs at
ILOAD = 0.51A or about 1/8 full load. The crossover point
occurs at an even lower value if a swinging (soft-satura-
tion) inductor is used.
The switching waveforms may appear noisy and asyn-
chronous when light loading causes pulse-skipping
operation, but this is a normal operating condition that
results in high light-load efficiency. Trade-offs in PFM
noise vs. light-load efficiency are made by varying the
inductor value. Generally, low inductor values produce a
broader efficiency vs. load curve, while higher values
result in higher full-load efficiency (assuming that the coil
resistance remains fixed) and less output voltage ripple.
Penalties for using higher inductor values include larger
physical size and degraded load-transient response
(especially at low input voltage levels).
DC output accuracy specifications refer to the threshold
of the error comparator. When the inductor is in continu-
ous conduction, the output voltage will have a DC regu-
lation level higher than the trip level by 50% of the ripple.
In discontinuous conduction (SKIP = GND, light load),
the output voltage will have a DC regulation level higher
than the error-comparator threshold by approximately
1.5% due to slope compensation.
Forced-PWM Mode (SKIP = High)
The low-noise forced-PWM mode (SKIP = high) disables
the zero-crossing comparator, which controls the low-
side switch on-time. This causes the low-side gate-drive
waveform to become the complement of the high-side
gate-drive waveform. This in turn causes the inductor
current to reverse at light loads while DH maintains a
duty factor of VOUT/VIN. The benefit of forced-PWM
mode is to keep the switching frequency fairly constant,
but it comes at a cost: the no-load battery current can be
10mA to 40mA, depending on the external MOSFETs.
Forced-PWM mode is most useful for reducing audio-
frequency noise, improving load-transient response, pro-
viding sink-current capability for dynamic output voltage
adjustment, and improving the cross-regulation of
multiple-output applications that use a flyback trans-
former or coupled inductor.
I
KV
2L
V- V
V
LOAD(SKIP)
OUT
IN
OUT
IN
≈×
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
______________________________________________________________________________________
13
Figure 3. Pulse-Skipping/Discontinuous Crossover Point
ILOAD = IPEAK/2
ON-TIME
0
TIME
IPEAK
L
VBATT -VOUT
∆i
∆t
=
Figure 4. ‘‘Valley’’ Current-Limit Threshold Point
ILIMIT
ILOAD
0
TIME
IPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com