Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1844 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1844
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1844 Datasheet HTML 1Page - Maxim Integrated Products MAX1844 Datasheet HTML 2Page - Maxim Integrated Products MAX1844 Datasheet HTML 3Page - Maxim Integrated Products MAX1844 Datasheet HTML 4Page - Maxim Integrated Products MAX1844 Datasheet HTML 5Page - Maxim Integrated Products MAX1844 Datasheet HTML 6Page - Maxim Integrated Products MAX1844 Datasheet HTML 7Page - Maxim Integrated Products MAX1844 Datasheet HTML 8Page - Maxim Integrated Products MAX1844 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX1844 pulse-width modulation (PWM) controller
provides high efficiency, excellent transient response,
and high DC output accuracy needed for stepping
down high-voltage batteries to generate low-voltage
CPU core or chipset/RAM supplies in notebook com-
puters.
Maxim’s proprietary Quick-PWM™ quick-response,
constant-on-time PWM control scheme handles wide
input/output voltage ratios with ease and provides
100ns “instant-on” response to load transients while
maintaining a relatively constant switching frequency.
Efficiency is enhanced by an ability to drive very large
synchronous-rectifier MOSFETs. Accurate current sens-
ing to ensure reliable overload protection is available
using an external current-sense resistor in series with
the synchronous rectifier. Alternatively, the synchronous
rectifier itself can be used for less accurate current
sensing at the lowest possible power dissipation.
Single-stage buck conversion allows the MAX1844 to
directly step down high-voltage batteries for the highest
possible efficiency. Alternatively, two-stage conversion
(stepping down the 5V system supply instead of the
battery) at a higher switching frequency allows the mini-
mum possible physical size.
The MAX1844 is intended for CPU core, chipset,
DRAM, or other low-voltage supplies as low as 1V. It is
available in 20-pin QSOP, and QFN packages and
includes both adjustable overvoltage and undervoltage
protection.
For a dual step-down PWM controller with accurate cur-
rent limit, refer to the MAX1845. The MAX1714/ MAX1715
single/dual PWM controllers are similar to the MAX1844/
MAX1845 but do not use current-sense resistors.
Applications
Notebook Computers
CPU Core Supplies
Chipset/RAM Supplies as Low as 1V
1.8V and 2.5V Supplies
Features
o Ultra-High Efficiency
o Accurate Current-Limit Option
o Quick-PWM with 100ns Load-Step Response
o 1% VOUT Accuracy Over Line and Load
o 1.8V/2.5V Fixed or 1V to 5.5V Adjustable Output
Range
o 2V to 28V Battery Input Range
o 200/300/450/600kHz Switching Frequency
o Adjustable Overvoltage Protection
o Adjustable Undervoltage Protection
o 1.7ms Digital Soft-Start
o Drives Large Synchronous-Rectifier FETs
o 2V ±1% Reference Output
o Power-Good Window Comparator
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
________________________________________________________________ Maxim Integrated Products
1
19-1993; Rev 3; 9/02
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
*Contact factory for availability.
Quick-PWM is a trademark of Maxim Integrated Products.
VCC
5V INPUT
BATTERY
4.5V TO 28V
OUTPUT
2.5V
SHDN
ILIM
DL
LX
V+
BST
DH
CS
OUT
SKIP
VDD
MAX1844
UVP
REF
PGOOD
LATCH
OVP
FB
GND
Minimal Operating Circuit
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1844EEP
-40°C to +85°C
20 QSOP
MAX1844EGP*
-40°C to +85°C
20 QFN
MAX1844ETP
-40°C to +85°C
20 Thin QFN


Similar Part No. - MAX1844

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1844

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
Programmable Output High-Speed Step-Down Controller for Notebook Computer
G5601A GMT-G5601A Datasheet
66Kb / 1P
High-Speed Step-Down Controller with LDO Controller for Notebook Computer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com